Electronic Components Datasheet Search
  English  ▼

X  

PI6C103 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C103
Description  Precision Clock Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C103 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C103 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C103 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
225
PS8315-2
04/08/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C103
Precision Clock Synthesizer for Mobile PCs
CPUCLK
(Internal)
CPUCLK
(Internal)
PCICLK_F
(Free-running)
CPU_STOP#
PCI_STOP#
PWR_DWN#
CPUCLK
(External)
CPU_STOP# is an input signal used to turn off the CPU clocks for low power operation. CPU_STOP# is asserted asynchronously
by the external clock control logic with the rising edge of free running PCI clock and is internally synchronized to the external
PCICLK_Foutput. All other clocks continue to run while the CPU clocks are disabled. The CPU clocks are always stopped in a low
state and started guaranteeing that the high pulse width is a full pulse. CPU clock on latency is 2 or 3 CPU clocks and CPU clock
off latency is 2 or 3 CPU clocks.
CPU_STOP# Timing Diagram
Notes:
1. All timing is referenced to the CPUCLK.
2. The Internal label means inside the chip and is a reference only. This in fact may not be the way that the
control is designed.
3 CPU_STOP# is an input signal that must be made synchronous to the free running PCI_F.
4. ON/OFF latency shown in the diagram is 2 CPU clocks.
5. All other clocks continue to run undisturbed.
6. PWR_DWN# , PCI_STOP# are shown in a high state.
7. Diagrams shown with respect to 66 MHz. Similar operation as CPU = 100 MHz.
Power Management Timing
Notes:
1. Clock on/off latency is defined as the number of rising edges of free running PCICLKs
between when the clock disable goes low/high to when the first valid clock comes out of
the device.
2. Power-up latency is from when PWR_DWN# goes inactive (HIGH) to when the first valid
clocks are driven from the device.
l
a
n
g
i
Se
t
a
t
S
l
a
n
g
i
S
y
c
n
e
t
a
L
K
L
C
I
C
P
g
n
i
n
n
u
r
e
e
r
f
f
o
s
e
g
d
e
g
n
i
si
r
f
o
.
o
N
#
P
O
T
S
_
U
P
C)
d
el
b
a
si
d
(
01
)
d
el
b
a
n
e
(
11
#
P
O
T
S
_
I
C
P)
d
el
b
a
si
d
(
01
)
d
el
b
a
n
e
(
11
#
N
W
D
_
R
W
P)
n
o
it
a
r
e
p
o
l
a
m
r
o
n
(
1s
m
3
)
n
w
o
d
r
e
w
o
p
(
0.
x
a
m
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com