Electronic Components Datasheet Search
  English  ▼

X  

HAL114 Datasheet(PDF) 4 Page - Micronas

Part # HAL114
Description  Unipolar Hall Switch IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL114 Datasheet(HTML) 4 Page - Micronas

  HAL114 Datasheet HTML 1Page - Micronas HAL114 Datasheet HTML 2Page - Micronas HAL114 Datasheet HTML 3Page - Micronas HAL114 Datasheet HTML 4Page - Micronas HAL114 Datasheet HTML 5Page - Micronas HAL114 Datasheet HTML 6Page - Micronas HAL114 Datasheet HTML 7Page - Micronas HAL114 Datasheet HTML 8Page - Micronas HAL114 Datasheet HTML 9Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HAL114
MICRONAS INTERMETALL
4
Absolute Maximum Ratings
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
–15
281)
V
–VP
Test Voltage for Supply
1
–242)
–
V
–IDD
Reverse Supply Current
1
–
501)
mA
IDDZ
Supply Current through
Protection Device
1
–2003)
2003)
mA
VO
Output Voltage
3
–0.3
281)
V
IO
Continuous Output On Current
3
–
30
mA
IOmax
Peak Output On Current
3
–
2503)
mA
IOZ
Output Current through
Protection Device
3
–2003)
2003)
mA
TS
Storage Temperature Range
–65
150
°C
TJ
Junction Temperature Range
–40
–40
150
1704)
°C
1) as long as TJmax is not exceeded
2) with a 220
Ω series resistance at pin 1 corresponding to test circuit 1
3) t< 2 ms
4) t<1000h
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these or any other conditions beyond those indicated in the
“Recommended Operating Conditions/Characteristics” of this specification is not implied. Exposure to absolute maxi-
mum ratings conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
1
4.5
–
24
V
IO
Continuous Output On Current
3
0
–
20
mA
RV
Series Resistor
1
–
–
270
Ω
Electrical Characteristics at TJ = –40 °C to +170 °C , VDD = 4.5 V to 24 V, as not otherwise specified in Test Conditions
Typical Characteristics for TJ = 25 °C and VDD = 12 V
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
VOL
Output Voltage over
Temperature Range
3
–
120
400
mV
IOL = 12.5 mA
VOL
Output Voltage over
Temperature Range
3
–
190
500
mV
IOL = 20 mA
IOH
Output Leakage Current
3
–
–
1
µA
B < Boff,
VOH = 24 V, TJ = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com