Electronic Components Datasheet Search
  English  ▼

X  

HAL114 Datasheet(PDF) 8 Page - Micronas

Part # HAL114
Description  Unipolar Hall Switch IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL114 Datasheet(HTML) 8 Page - Micronas

  HAL114 Datasheet HTML 1Page - Micronas HAL114 Datasheet HTML 2Page - Micronas HAL114 Datasheet HTML 3Page - Micronas HAL114 Datasheet HTML 4Page - Micronas HAL114 Datasheet HTML 5Page - Micronas HAL114 Datasheet HTML 6Page - Micronas HAL114 Datasheet HTML 7Page - Micronas HAL114 Datasheet HTML 8Page - Micronas HAL114 Datasheet HTML 9Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HAL114
MICRONAS INTERMETALL
8
–50
0
50
100
150
200
µA
TA
IOH
°C
10
0
10
–1
10
–2
10
–3
10
–4
10
1
10
2
VOH = 24 V
VDD = 5 V
Fig. 15: Typical output leakage current
versus temperature
Application Note
For electromagnetic immunity, it is recommended to ap-
ply a 330 pF minimum capacitor between VDD (pin 1)
and Ground (pin 2).
For applications requiring robustness to conducted dis-
turbances (transients), a 220
Ω series resistor to pin 1
and a 4.7 nF capacitor between VDD (pin1) and Ground
(pin 2) is recommended. The series resistor and the ca-
pacitor should be placed as close as possible to the IC.
OUT
GND
3
2
1VDD
4.7 nF
VDD
RV
220
Ω
RL
Fig. 16: Recommended application circuit
Ambient Temperature
Due to the internal power dissipation, the temperature
on the silicon chip (junction temperature TJ) is higher
than the temperature outside the package (ambient tem-
perature TA).
TJ = TA + ∆T
At static conditions, the following equations are valid:
– for SOT-89A:
∆T = IDD * VDD * RthJSB
– for TO-92UA:
∆T = IDD * VDD * RthJA
For typical values, use the typical parameters. For worst
case calculation, use the max. parameters for IDD and
Rth, and the max. value for VDD from the application.
Data Sheet History
1. Final data sheet: “HAL114 Unipolar Hall Switch IC”,
June 10, 1998, 6251-456-1DS. First release of the final
data sheet.
MICRONAS INTERMETALL GmbH
Hans-Bunte-Strasse 19
D-79108 Freiburg (Germany)
P.O. Box 840
D-79008 Freiburg (Germany)
Tel. +49-761-517-0
Fax +49-761-517-2174
E-mail: docservice@intermetall.de
Internet: http://www.intermetall.de
Printed in Germany
by Systemdruck+Verlags-GmbH, Freiburg (06/98)
Order No. 6251-456-1DS
All information and data contained in this data sheet are with-
out any commitment, are not to be considered as an offer for
conclusion of a contract nor shall they be construed as to
create any liability. Any new issue of this data sheet invalidates
previous issues. Product availability and delivery dates are ex-
clusively subject to our respective order confirmation form; the
same applies to orders based on development samples deliv-
ered. By this publication, MICRONAS INTERMETALL GmbH
does not assume responsibility for patent infringements or
other rights of third parties which may result from its use.
Reprinting is generally permitted, indicating the source. How-
ever, our prior consent must be obtained in all cases.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com