Electronic Components Datasheet Search
  English  ▼

X  

HAL114 Datasheet(PDF) 7 Page - Micronas

Part # HAL114
Description  Unipolar Hall Switch IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL114 Datasheet(HTML) 7 Page - Micronas

  HAL114 Datasheet HTML 1Page - Micronas HAL114 Datasheet HTML 2Page - Micronas HAL114 Datasheet HTML 3Page - Micronas HAL114 Datasheet HTML 4Page - Micronas HAL114 Datasheet HTML 5Page - Micronas HAL114 Datasheet HTML 6Page - Micronas HAL114 Datasheet HTML 7Page - Micronas HAL114 Datasheet HTML 8Page - Micronas HAL114 Datasheet HTML 9Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HAL114
MICRONAS INTERMETALL
7
0
2
4
6
8
10
12
02468 V
mA
VDD
IDD
Fig. 11: Typical supply current
versus supply voltage
TA = –40 °C
TA = 25 °C
TA = 150 °C
0
2
4
6
8
10
12
–50
0
50
100
150
200
°C
mA
TA
IDD
VDD = 24 V
VDD = 4.5 V
Fig. 12: Typical supply current
versus temperature
0
100
200
300
400
500
0
5
10
15
20
25
30 V
mV
VDD
VOL
IO = 12.5 mA
Fig. 13: Typical output low voltage
versus supply voltage
TA = –40 °C
TA = 25 °C
TA = 150 °C
0
100
200
300
400
500
–50
0
50
100
150
200
mV
TA
VOL
IO = 12.5 mA
IO = 20 mA
°C
VDD = 12 V
Fig. 14: Typical output low voltage
versus temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com