Electronic Components Datasheet Search
  English  ▼

X  

HCPL4701 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL4701
Description  Very Low Power Consumption High Gain Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL4701 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL4701 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Absolute Maximum Ratings
(No Derating Required up to 70
°C)
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
S
- 55
125
°C
Operating Temperature
T
A
-40
85
°C
Average Forward Input Current (HCPL-4701/4731)
I
F(AVG)
10
mA
Average Forward Input Current (HCPL-070A/073A)
I
F(AVG)
5mA
Peak Transient Input Current (HCPL-4701/4731)
I
FPK
20
mA
(50% Duty Cycle, 1 ms Pulse Width)
Peak Transient Input Current (HCPL-070A/073A)
I
FPK
10
mA
(50% Duty Cycle, 1 ms Pulse Width)
Reverse Input Voltage
V
R
2.5
V
Input Power Dissipation (Each Channel)
P
I
15
mW
Output Current (Each Channel)
I
O
60
mA
Emitter Base Reverse Voltage (HCPL-4701/070A)
V
EB
0.5
V
Output Transistor Base Current (HCPL-4701/070A)
I
B
5mA
Supply Voltage
V
CC
-0.5
18
V
Output Voltage
V
O
-0.5
18
V
Output Power Dissipation (Each Channel)
P
O
100
mW
Total Power Dissipation (Each Channel)
P
T
115
mW
Lead Solder Temperature (for Through Hole Devices)
260
°C for 10 sec., 1.6 mm below seating plane
Reflow Temperature Profile
See Package Outline Drawings section
(for SOIC-8 and Option #300)
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
VCC*
1.6
18
V
Forward Input Current (ON)
IF(ON)
40
5000
µA
Forward Input Voltage (OFF)
VF(OFF)
0
0.8
V
Operating Temperature
TA
070
°C
*See Note 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com