Electronic Components Datasheet Search
  English  ▼

X  

HCPL4701 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL4701
Description  Very Low Power Consumption High Gain Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL4701 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL4701 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Electrical Specifications
0
°C ≤ T
A ≤ 70°C, 4.5 V ≤ VCC ≤ 20 V, 1.6 mA ≤ IF(ON) ≤ 5 mA, 0 V ≤ VF(OFF) ≤ 0.8 V, unless otherwise
specified. All Typicals at TA = 25°C. See note 8.
Device
Parameter
Symbol
HCPL-
Min. Typ.* Max.
Units
Test Conditions
Fig.
Note
Current
CTR
800
3500
25k
%
IF = 40 µA,
VO = 0.4 V
4, 5
2
Transfer
VCC = 4.5 V
600
3000
8k
IF = 0.5 mA,
VCC = 4.5 V
700
3200
25k
IF = 40 µA
500
2700
8k
IF = 0.5 mA
Logic Low
VOL
0.06
0.4
V
IF = 40 µA, IO = 280 µA
2, 3
0.04
0.4
IF = 0.5 mA, IO = 2.5 mA
Logic High
IOH
0.01
5
µAV
O = VCC = 3 to 7 V,
Output Current
IF = 0 mA
0.02
80
VO = VCC = 18 V,
IF = 0 mA
Logic Low
ICCL
4701/070A
0.02
0.2
mA
IF = 40 µAVO = Open
0.1
1
IF = 0.5 mA
4731/073A
0.04
0.4
IF = 40 µA
0.2
2.0
IF = 0.5 mA
Logic High
ICCH
4701/070A
<0.01
10
µAI
F = 0 mA
VO = Open
4731/073A
<0.01
20
Input Forward
VF
1.1
1.25
1.4
V
IF = 40 to 500 µA,
6
Voltage
TA = 25°C
0.95
1.5
IF = 40 to 500 µA
Input Reverse
BVR
3.0
5.0
V
IR = 100 µA, TA = 25°C
2.5
IR = 100 µA
Temperature
∆V
F/∆TA
-2.0
mV/
°CI
F = 40 µA
-1.6
IF = 0.5 mA
Input Capacitance
CIN
18
pF
f = 1 MHz, VF = 0 V
*All typical values at TA = 25°C and VCC = 5 V, unless otherwise noted.
Ratio
Supply Current
Supply Current
Output Voltage
Coefficient of
Forward Voltage
Breakdown
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com