Electronic Components Datasheet Search
  English  ▼

X  

HCPL4701 Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard)

Part # HCPL4701
Description  Very Low Power Consumption High Gain Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL4701 Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard)

Back Button HCPL4701 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Figure 12. Recommended Power Supply Filter for HCPL-47XX Optocouplers.
RECOMMENDED VCC FILTER
8
0.1 µF
VCC
10 µF
+
100
Ω
VO
RL
7
6
5
1
2
3
4
HCPL-4701 OR HCPL-4731
Figure 10. HCPL-47XX Isolated Monitoring Circuits for 2-Wire ISDN Telephone Line.
Figure 11. Typical Optical Isolation Used for Power-Loss Indication and Regulation Signal Feedback.
115/230
VAC
EMI FILTER
AND
CURRENT
LIMITER
ISOLATION
BARRIER
VO
GND 2
1
12
12
SOFT START
COMMAND
INTERRUPT FLAG
POWER DOWN
POWER
SUPPLY
FILTER
CAPACITOR
SWITCHING
ELEMENT
RECTIFIER
AND
FILTER
CONTROL
CIRCUIT
ERROR
FEEDBACK
VIA CNR200
HCPL-4701
2-WIRE
ISDN
LINE
PROTECTION
CIRCUIT
P0WER
SUPPLY
SECONDARY
POWER
EMERGENCY
POWER
PRIMARY–SECONDARY
POWER ISOLATION
BARRIER
VAC
PRIMARY
TELEPHONE LINE
ISOLATION BARRIER
HCPL-4731
HCPL-4701
SWITCHED–
MODE
POWER
SUPPLY
RECEIVE
TRANSMIT
LINE POLARITY
LINE PRESENCE
SECONDARY/
EMERGENCY
POWER
VCC
VCC – RETURN
TELEPHONE
LINE
INTERFACE
CIRCUIT
NOTE: THE CIRCUITS SHOWN IN THIS FIGURE REPRESENT POSSIBLE, FUNCTIONAL APPLICATION OF THE HCPL-47XX
OPTOCOUPLER TO AN ISDN LINE INTERFACE. THIS CIRCUIT ARRANGEMENT DOES NOT GUARANTEE COMPLIANCE,
CONFORMITY, OR ACCEPTANCE TO AN ISDN, OR OTHER TELECOMMUNICATION STANDARD, OR TO FCC OR TO OTHER
GOVERNMENTAL REGULATORY AGENCY REQUIREMENTS. THESE CIRCUITS ARE RECOMMENDATIONS THAT MAY MEET
THE NEEDS OF THESE APPLICATIONS. Agilent DOES NOT IMPLY, REPRESENT, NOR GUARANTEE THAT
THESE CIRCUIT ARRANGEMENTS ARE FREE FROM PATENT INFRINGEMENT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com