Electronic Components Datasheet Search
  English  ▼

X  

HCPL4701 Datasheet(PDF) 16 Page - Agilent(Hewlett-Packard)

Part # HCPL4701
Description  Very Low Power Consumption High Gain Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL4701 Datasheet(HTML) 16 Page - Agilent(Hewlett-Packard)

Back Button HCPL4701 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Figure 15. Series LED Driver Circuit for HCPL-4701/-4731.
0
0
TS – CASE TEMPERATURE – °C
200
50
400
125
25
75 100
150
600
800
200
100
300
500
700
PS (mW)
IS (mA)
175
Figure 16. Thermal Derating Curve,
Dependence of Safety Limiting Value
with Case Temperature per VDE 0884.
4.7 µF
VCC
0.1 µF
+
R1
HCPL-47XX
ACTIVE OUTPUT
OR
OPEN COLLECTOR
R1 =
VCC – VF – VOL
IF
FOR VCC = 5 Vdc, IF = 40 µA
R1 = 82 k
Ω (TYPICAL)
R1 = 62 k
Ω (WORST CASE)
R2 = 8.2 k
Ω AT IOH = 100 µA
ITOTAL = 640 µA (TYPICAL)
R2
R2 =
0.8 V
IOH MAX
ITOTAL =
TOTAL DRIVE CURRENT USED:
+
VCC – VF – VOL
R1
VCC – VOL
R2
Figure 13. Recommended Parallel LED Driver Circuit for
HCPL-4701/-4731.
Figure 14. Recommended Alternative LED Driver Circuit for
HCPL-4701/-4731 .
4.7 µF
VCC
0.1 µF
+
R1
HCPL-47XX
ACTIVE OUTPUT
OR
OPEN COLLECTOR
*
* USE ANY STANDARD SCHOTTKY DIODE.
R1 =
VCC – VF
IF
FOR VCC = 5 Vdc, IF = 40 µA
R1 = 91 k
Ω (TYPICAL)
R1 = 75 k
Ω (WORST CASE)
R1
HCPL-47XX
ACTIVE OUTPUT
*
* USE ANY SIGNAL DIODE.
R1 =
VOH – VF
IF
FOR VCC = 5 Vdc, IF = 40 µA
R1 = 36 k
Ω (TYPICAL)
R1 = 30 k
Ω (WORST CASE)
www.semiconductor.agilent.com
Data subject to change.
Copyright © 1999 Agilent Technologies
Obsoletes 5965-6116E
5968-1086E (11/99)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com