Electronic Components Datasheet Search
  English  ▼

X  

HCPL4701 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCPL4701
Description  Very Low Power Consumption High Gain Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL4701 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCPL4701 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL4701 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Figure 9. Switching Test Circuit.
Applications Information
Low-Power Operation
Current Gain
There are many applications
where low-power isolation is
needed and can be provided by
the single-channel HCPL-4701, or
the dual-channel HCPL-4731 low-
power optocouplers. Either or
both of these two devices are
referred to in this text as HCPL-
47XX product(s). These opto-
couplers are Agilent’s lowest
input current, low-power
optocouplers. Low-power
isolation can be defined as less
than a milliwatt of input power
needed to operate the LED of an
optocoupler (generally less than
500
µA). This level of input
forward current conducting
through the LED can control a
worst-case total output (Iol) and
power supply current (Iccl) of two
and a half milliamperes. Typically,
the HCPL-47XX can control a
total output and supply current of
15 mA. The output current, IO is
determined by the LED forward
current multiplied by the current
gain of the optocoupler,
IO =IF (CTR)/100%. In particular
with the HCPL-47XX opto-
couplers, the LED can be driven
with a very small IF of 40 µA to
control a maximum IO of 320 µA
with a worst case design Current
Transfer Ratio (CTR) of 800%.
Typically, the CTR and the
corresponding Iol, are 4 times
larger. For low-power operation,
Table 1 lists the typical power
dissipations that occur for both
the 3.3 Vdc and 5 Vdc
HCPL-47XX optocoupler applica-
tions. These approximate power
dissipation values are listed
respectively for the LED, for the
output VCC and for the open-
collector output transistor. Those
values are summed together for a
comparison of total power dissi-
pation consumed in either the 3.3
Vdc or 5 Vdc applications.
VO
PULSE
GEN.
Z
= 50
Ω
t = 5 ns
O
r
I
MONITOR
F
IF
0.1 µF
L
R
* CL = 15 pF
RM
0
tPHL
tPLH
O
V
IF
OL
V
1.5 V
1.5 V
5 V
7
1
2
3
4
5
6
8
10% DUTY CYCLE
1/f < 100 µs
(SATURATED
RESPONSE)
* CL IS APPROXIMATELY 15 pF, WHICH INCLUDES
PROBE AND STRAY WIRING CAPACITANCE.
+5 V
Figure 8. Test Circuit for Transient Immunity and Typical Waveforms.
VO
IF
L
R
A
B
PULSE GEN.
VCM
+
VFF
O
V
OL
V
O
V
0 V
10%
90%
90%
10%
SWITCH AT A: I = 0 mA
F
SWITCH AT B: I = 0.5 mA
F
CM
V
tr
tf
5 V
+5 V
–
7
1
2
3
4
5
6
8
RCC (SEE NOTE 7)
10 V
0.1 µF
220
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com