Electronic Components Datasheet Search
  English  ▼

X  

DF1B Datasheet(PDF) 7 Page - Hirose Electric

Part # DF1B
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF1B Datasheet HTML 3Page - Hirose Electric DF1B Datasheet HTML 4Page - Hirose Electric DF1B Datasheet HTML 5Page - Hirose Electric DF1B Datasheet HTML 6Page - Hirose Electric DF1B Datasheet HTML 7Page - Hirose Electric DF1B Datasheet HTML 8Page - Hirose Electric DF1B Datasheet HTML 9Page - Hirose Electric DF1B Datasheet HTML 10Page - Hirose Electric DF1B Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
B189
DF1B Series
●2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
■ Single Row Right Angle Pin Header
K Board Through-hole Diameter:Ø1.1+0+0.1
Unit : mm
Note 1 : The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Note 2 : The 4 and 6 contact connector contains the concave portion to prevent miss-insertion in the center at one point, which is
different from the above figure.
Part No.
DF1BZ- 2P-2.5DS
DF1BZ- 3P-2.5DS
DF1BZ- 4P-2.5DS
DF1BZ- 5P-2.5DS
DF1BZ- 6P-2.5DS
DF1BZ- 7P-2.5DS
DF1BZ- 8P-2.5DS
DF1BZ- 9P-2.5DS
DF1BZ-10P-2.5DS
DF1BZ-11P-2.5DS
DF1BZ-12P-2.5DS
DF1BZ-13P-2.5DS
DF1BZ-14P-2.5DS
DF1BZ-15P-2.5DS
DF1BZ-16P-2.5DS
DF1BZ-18P-2.5DS
DF1BZ-20P-2.5DS
Tin plated
Gold plated
HRS No.
541-2034-0
541-2035-2
541-2036-5
541-2037-8
541-2038-0
541-2039-3
541-2040-2
541-2041-5
541-2042-8
541-2043-0
541-2044-3
541-2045-6
541-2046-9
541-2047-1
541-2048-4
541-2049-7
541-2050-6
Part No.
DF1B- 2P-2.5DS(01)
DF1B- 3P-2.5DS(01)
DF1B- 4P-2.5DS(01)
DF1B- 5P-2.5DS(01)
DF1B- 6P-2.5DS(01)
DF1B- 7P-2.5DS(01)
DF1B- 8P-2.5DS(01)
_________
DF1B-10P-2.5DS(01)
_________
DF1B-12P-2.5DS(01)
_________
DF1B-14P-2.5DS(01)
DF1B-15P-2.5DS(01)
DF1B-16P-2.5DS(01)
DF1B-18P-2.5DS(01)
DF1B-20P-2.5DS(01)
HRS No.
541-0225-7 01
541-0226-0 01
541-0227-2 01
541-0228-5 01
541-0229-8 01
541-0230-7 01
541-0231-0 01
_________
541-0233-5 01
_________
541-0235-0 01
_________
541-0237-6 01
541-0238-9 01
541-0239-1 01
541-0240-0 01
541-0241-3 01
No. of Contacts
2
3
4
5
6
7
8
_________
10
_________
12
_________
14
15
16
18
20
A
2.5
5.0
7.5
10.0
12.5
15.0
17.5
___
22.5
___
27.5
___
32.5
35.0
37.5
42.5
47.5
B
7.5
10.0
12.5
15.0
17.5
20.0
22.5
___
27.5
___
32.5
___
37.5
40.0
42.5
47.5
52.5
RoHS
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com