Electronic Components Datasheet Search
  English  ▼

X  

DF1B Datasheet(PDF) 4 Page - Hirose Electric

Part # DF1B
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B Datasheet(HTML) 4 Page - Hirose Electric

  DF1B Datasheet HTML 1Page - Hirose Electric DF1B Datasheet HTML 2Page - Hirose Electric DF1B Datasheet HTML 3Page - Hirose Electric DF1B Datasheet HTML 4Page - Hirose Electric DF1B Datasheet HTML 5Page - Hirose Electric DF1B Datasheet HTML 6Page - Hirose Electric DF1B Datasheet HTML 7Page - Hirose Electric DF1B Datasheet HTML 8Page - Hirose Electric DF1B Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
B186
DF1B Series
●2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
KConnector
KSocket ID Contact
DF1B - R 24 F A
q
e r
w
q Series Name
: DF 1B
w Style Symbol :
Blank : Standard type
A
: In-line Plug (Simple Lock type)
D
: Pin header (Potting type)
Z
: Pin header (Standard type, Tin plated)
e Number of Contacts
Single Row : 2 to 16, 18, 20
Double Row : 4 to 30, 34, 40
r Connector Type
S
: Single row socket
DS
: Double row socket
P
: Single row pin header
DP
: Double row pin header
ES
: Single row in-line socket
DES
: Double row in-line socket
EP
: Single row in-line plug
DEP
: Double row in-line plug
t Contact Pitch: 2.5mm
y Contact Type
RC
: ID/crimping socket (Note)
DSA : Straight through hole
DS
: Right angle through hole
Note : The single row socket DF1B-*S-2.5R
only adds "R" to the tail, which has
the same meaning as "RC".
q 1. Connection Type
R : ID
w Applicable Cable Size
24 : 24AWG
26 : 26AWG
28 : 28AWG
e Packaging Type
Blank : Bag
F
: Reel
r Plating Type
Blank : Tin plated
A
: Gold plated
KPlug ID Contact
DF1B - 24 P R F
q
e
r
w
q Applicable Cable Size
24 : 24AWG
26 : 26AWG
28 : 28AWG
w Connector Type
P : Plug
e Connection Type
R : ID
r Packaging Type
Blank : Bag
F
: Reel
KCrimping Contact
DF1B - 2428 SCF A
q
w
e
q Applicable Cable Size
2022 : 20 to 22AWG
2428 : 24 to 28AWG
30
: 30AWG
w Packaging Type
SCF : Socket Contact/Reel
SC
: Socket Contact/Bag
PCF : Plug Contact/Reel
PC
: Plug Contact/Bag
e Plating Type
Blank : Tin plated
A
: Gold plated
B
: Gold plated (Note)
Note: In case of the socket contact,
"A" is attached to the tail of
the product name. In case of
the plug contact, "B" is
attached thereto.
■Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
DF1B
-
* S 2.5 RC
1
3
2
5
6
4
Note : Product Numbers of Gold plated Plug Contact for 24 to 28 AWG cable
are DF1-PD2428SCFB(Reel) and DF1-PD2428SCB(Bag).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com