Electronic Components Datasheet Search
  English  ▼

X  

DF1B Datasheet(PDF) 15 Page - Hirose Electric

Part # DF1B
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B Datasheet(HTML) 15 Page - Hirose Electric

Back Button DF1B Datasheet HTML 11Page - Hirose Electric DF1B Datasheet HTML 12Page - Hirose Electric DF1B Datasheet HTML 13Page - Hirose Electric DF1B Datasheet HTML 14Page - Hirose Electric DF1B Datasheet HTML 15Page - Hirose Electric DF1B Datasheet HTML 16Page - Hirose Electric DF1B Datasheet HTML 17Page - Hirose Electric DF1B Datasheet HTML 18Page - Hirose Electric DF1B Datasheet HTML 19Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
B197
DF1B Series
●2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
KApplicable Socket: DF1B-*ES-2.5RC
KApplicable Socket: DF1B-*DES-2.5RC
■ Single Row In-line Plug (Full Lock Type)
Note 1 : The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Note 1 : The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Unit : mm
Part No.
HRS No.
DF1B- 8EP-2.5RC
DF1B- 9EP-2.5RC
DF1B-10EP-2.5RC
DF1B-11EP-2.5RC
DF1B-12EP-2.5RC
DF1B-13EP-2.5RC
541-0338-3
541-0339-6
541-0340-5
541-0341-8
541-0342-0
541-0343-3
8
9
10
11
12
13
23.9
26.4
28.9
31.4
33.9
36.4
17.5
20
22.5
25
27.5
30
Yes
No. of Contacts
A
B
RoHS
Part No.
HRS No.
DF1B- 2EP-2.5RC
DF1B- 3EP-2.5RC
DF1B- 4EP-2.5RC
DF1B- 5EP-2.5RC
DF1B- 6EP-2.5RC
DF1B- 7EP-2.5RC
541-0332-7
541-0333-0
541-0334-2
541-0335-5
541-0336-8
541-0337-0
2
3
4
5
6
7
8.9
11.4
13.9
16.4
18.9
21.4
2.5
5
7.5
10
12.5
15
Yes
No. of Contacts
A
B
RoHS
Contact Inserted.
■ Double Row In-line Plug (Full Lock Type)
Unit : mm
Part No.
HRS No.
DF1B-24DEP-2.5RC
DF1B-26DEP-2.5RC
DF1B-28DEP-2.5RC
DF1B-30DEP-2.5RC
DF1B-32DEP-2.5RC
DF1B-34DEP-2.5RC
541-0372-1
541-0373-4
541-0374-7
541-0375-0
541-0376-2
541-0377-5
24
26
28
30
32
34
34.7
37.2
39.7
42.2
44.7
47.2
27.5
30
32.5
35
37.5
40
Yes
No. of Contacts
A
B
RoHS
Part No.
HRS No.
DF1B-10DEP-2.5RC
DF1B-12DEP-2.5RC
DF1B-14DEP-2.5RC
DF1B-16DEP-2.5RC
DF1B-18DEP-2.5RC
DF1B-20DEP-2.5RC
DF1B-22DEP-2.5RC
541-0366-9
541-0367-1
541-0368-4
541-0369-7
541-0350-9
541-0370-6
541-0371-9
10
12
14
16
18
20
22
17.2
19.7
22.2
24.7
27.2
29.7
32.2
10
12.5
15
17.5
20
22.5
25
Yes
No. of Contacts
A
B
RoHS
Contact Inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com