Electronic Components Datasheet Search
  English  ▼

X  

DF1B Datasheet(PDF) 16 Page - Hirose Electric

Part # DF1B
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B Datasheet(HTML) 16 Page - Hirose Electric

Back Button DF1B Datasheet HTML 11Page - Hirose Electric DF1B Datasheet HTML 12Page - Hirose Electric DF1B Datasheet HTML 13Page - Hirose Electric DF1B Datasheet HTML 14Page - Hirose Electric DF1B Datasheet HTML 15Page - Hirose Electric DF1B Datasheet HTML 16Page - Hirose Electric DF1B Datasheet HTML 17Page - Hirose Electric DF1B Datasheet HTML 18Page - Hirose Electric DF1B Datasheet HTML 19Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
B198
DF1B Series
●2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
■ ID Contact for Socket
K ID Contact Extraction Tool DF-C-PO (A)
Note 1 : The applicable cable conductor is the tin plated annealing copper wire.
Note 2 : If other cables are used instead of the applicable cable, cotact Hirose sales department.
Part No.
HRS No.
Applicable
Cable Indication
DF1B-R24F
DF1B-R24
DF1B-R26F
DF1B-R26
DF1B-R28F
DF1B-R28
DF1B-R24FA(06)
DF1B-R24A(06)
DF1B-R26FA(06)
DF1B-R26A(06)
DF1B-R28FA(06)
DF1B-R28A(06)
541-0217-9
541-0220-3
541-0218-1
541-0221-6
541-0219-4
541-0222-9
541-0261-0 06
541-0264-9 06
541-0262-3 06
541-0265-1 06
541-0263-6 06
541-0266-4 06
10,000/reel
100/pack
10,000/reel
100/pack
10,000/reel
100/pack
10,000/reel
100/pack
10,000/reel
100/pack
10,000/reel
100/pack
AWG
Applicable Cable
UL Style
Wire Construction Jacket Diameter
Packaging
Finish
RoHS
24
26
28
24
26
28
24AWG
26AWG
28AWG
24AWG
26AWG
28AWG
1061
1061
1007
1061
1007
1061
1061
1007
1061
1007
11 cores./0.16mm
7 cores./0.16mm
7 cores./0.127mm
11 cores./0.16mm
7 cores./0.16mm
7 cores./0.127mm
0.9 to 1.39mm
0.9 to 1.39mm
0.9 to 1.39mm
0.9 to 1.39mm
0.9 to 1.39mm
0.9 to 1.39mm
Tin plated
Yes
Gold plated
■ Crimping Contact for Socket
K Crimping Contact Extraction Tool DF-C-PO (B)
Part No.
HRS No.
Applicable
Cable Indication
DF1B-2022SCF
DF1B-2022SC
DF1B-2428SCF
DF1B-2428SC
DF1B-30SCF
DF1B-30SC
DF1B-2022SCFA
DF1B-2022SCA
DF1B-2428SCFA
DF1B-2428SCA
DF1B-30SCFA
DF1B-30SCA
541-0223-1
541-0224-4
541-0678-1
541-0679-4
541-0682-9
541-0683-1
541-0662-1
541-0663-4
541-0680-3
541-0681-6
541-0684-4
541-0685-7
10,000/reel
100/pack
10,000/reel
100/pack
10,000/reel
100/pack
10,000/reel
100/pack
10,000/reel
100/pack
10,000/reel
100/pack
AWG
Applicable Cable
Jacket Diameter
Packaging
Finish
RoHS
Conductor Size (Wire construction)
20AWG (21cores/0.18mm)
22AWG (17cores/0.16mm)
24AWG (11cores/0.16mm)
26AWG (7cores/0.16mm)
28AWG (7cores0.127mm)
30AWG (7cores/0.1mm)
K Applicable Cable (Tin Plated Annealing Copper Wire) K Recommended Cable
UL1061, UL1007
K Strip Length
2.0 to 2.5mm
Note : If other cables are used instead
of the applicable cable, consult
Hirose sales department.
Gold plated
20
22
24
28
30
20
22
24
28
30
1.2 to 1.9mm
0.9 to 1.5mm
0.6 to 1.2mm
1.2 to 1.9mm
0.9 to 1.5mm
0.6 to 1.2mm
20 to 22AWG
24 to 28AWG
30AWG
20 to 22AWG
24 to 28AWG
30AWG
Tin plated
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com