Electronic Components Datasheet Search
  English  ▼

X  

DF1B Datasheet(PDF) 17 Page - Hirose Electric

Part # DF1B
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B Datasheet(HTML) 17 Page - Hirose Electric

Back Button DF1B Datasheet HTML 11Page - Hirose Electric DF1B Datasheet HTML 12Page - Hirose Electric DF1B Datasheet HTML 13Page - Hirose Electric DF1B Datasheet HTML 14Page - Hirose Electric DF1B Datasheet HTML 15Page - Hirose Electric DF1B Datasheet HTML 16Page - Hirose Electric DF1B Datasheet HTML 17Page - Hirose Electric DF1B Datasheet HTML 18Page - Hirose Electric DF1B Datasheet HTML 19Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Yes
RoHS
Finish
Tin plated
B199
DF1B Series
●2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
■ ID Contact for Plug
K ID Contact Extraction Tool DF-C-PO (C)
Note 1 : The applicable cable conductor is the tin plated annealing copper wire.
Note 2 : If other cables are used instead of the applicable cable, contact Hirose sales department.
Part No.
HRS No.
Applicable
Cable Indication
DF1B-24PRF
DF1B-24PR
DF1B-26PRF
DF1B-26PR
DF1B-28PRF
DF1B-28PR
541-0666-2
541-0667-5
541-0668-8
541-0669-0
541-0670-0
541-0671-2
10,000/reel
100/pack
10,000/reel
100/pack
10,000/reel
100/pack
AWG
Applicable Cable
UL Style
Wire structure Jacket Diameter
Packaging
24
26
28
24AWG
26AWG
28AWG
1061
1061
1007
1061
1007
11 pcs./0.16mm
7 pcs./0.16mm
7 pcs./0.127mm
0.9 to 1.39mm
0.9 to 1.39mm
0.9 to 1.39mm
Conductor Size (Contact wire construction)
20AWG (21 pieces/0.18mm)
22AWG (17 pieces/0.16mm)
24AWG (11 pieces/0.16mm)
26AWG (7 pieces/0.16mm)
28AWG (7 pieces/0.127mm)
30AWG (7 pieces/0.1mm)
K Applicable Cable (Tin Plated Annealing Copper Wire) K Recommended Cable
UL1061, UL1007
K Strip Length
3.0 to 3.7mm
Note : If other cables are used instead
of the applicable cable, consult
Hirose sales department.
■ Crimping Contact for Plug
K Crimping Contact Extraction Tool DF-C-PO (C)
Part No.
HRS No.
Applicable
cable indicator
DF1B-2022PCF
DF1B-2022PC
DF1B-2428PCF
DF1B-2428PC
DF1B-30PCF
DF1B-30PC
DF1B-2022PCFB
DF1B-2022PCB
DF1-PD2428SCFB
DF1-PD2428SCB
DF1B-30PCFB
DF1B-30PCB
541-0259-9
541-0260-8
541-0664-7
541-0665-0
541-0686-0
541-0687-2
541-0690-7
541-0691-0
541-0660-6
541-0661-9
541-0688-5
541-0689-8
20
22
24
28
30
20
22
24
28
30
10,000/reel
100/pack
10,000/reel
100/pack
10,000/reel
100/pack
10,000/reel
100/pack
10,000/reel
100/pack
10,000/reel
100/pack
AWG
Applicable Cable
Jacket Diameter
Packaging
Gold plated
Tin plated
Yes
1.2 to 1.9mm
0.9 to 1.5mm
0.6 to 1.2mm
1.2 to 1.9mm
0.9 to 1.5mm
0.6 to 1.2mm
20 to 22AWG
24 to 28AWG
30AWG
20 to 22AWG
24 to 28AWG
30AWG
Treatment
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com