Electronic Components Datasheet Search
  English  ▼

X  

FX15 Datasheet(PDF) 13 Page - Hirose Electric

Part # FX15
Description  1mm Pitch Wire-to-Board Connectors supporting LVDS signal
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX15 Datasheet(HTML) 13 Page - Hirose Electric

Back Button FX15 Datasheet HTML 9Page - Hirose Electric FX15 Datasheet HTML 10Page - Hirose Electric FX15 Datasheet HTML 11Page - Hirose Electric FX15 Datasheet HTML 12Page - Hirose Electric FX15 Datasheet HTML 13Page - Hirose Electric FX15 Datasheet HTML 14Page - Hirose Electric FX15 Datasheet HTML 15Page - Hirose Electric FX15 Datasheet HTML 16Page - Hirose Electric FX15 Datasheet HTML 17Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
FX15 Series
●1mm Pitch Wire-to-Board Connectors supporting LVDS signal
4±0.1
12±0.1
(0.5)
(4.7)
(6.7)
Unreeling direction
(4.8)
(0.5)
(6.3)
Unreeling direction
4±0.1
2±0.15
12±0.1
BPackaging Specifications
●Vertical, with shields
(FX15-31S-0.5SV)
Part No.
HRS No.
No. of contacts
D
FX15-31S-0.5SV(**) 575-2201-7 **
31
44.5
●Right angle, with shields-enhanced shielding
(FX15S-**S-0.5SH)
Part No.
HRS No.
No. of contacts
AB
C
D
FX15S-31S-0.5SH(**) 575-2306-5 **
31
20.3 40.5 44 44.5
FX15S-41S-0.5SH(**) 575-2307-8 **
41
26.3 52.5 56 56.5
FX15S-51S-0.5SH(**) 575-2303-7 **
51
●Right angle, without shields
(FX15M-**S-0.5SH)
Part No.
HRS No.
No. of contacts
AB
C
D
FX15M-21S-0.5SH(**) 575-2309-3 **
21
20.2 40.4 44 44.5
FX15M-31S-0.5SH(**) 575-2308-0 **
31
4±0.1
2±0.1
12±0.1
(0.5)
(5.15)
(6.5)
Unreeling direction
(1.6)
(D)
●Reel dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com