Electronic Components Datasheet Search
  English  ▼

X  

FX15 Datasheet(PDF) 18 Page - Hirose Electric

Part # FX15
Description  1mm Pitch Wire-to-Board Connectors supporting LVDS signal
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX15 Datasheet(HTML) 18 Page - Hirose Electric

Back Button FX15 Datasheet HTML 14Page - Hirose Electric FX15 Datasheet HTML 15Page - Hirose Electric FX15 Datasheet HTML 16Page - Hirose Electric FX15 Datasheet HTML 17Page - Hirose Electric FX15 Datasheet HTML 18Page - Hirose Electric FX15 Datasheet HTML 19Page - Hirose Electric FX15 Datasheet HTML 20Page - Hirose Electric FX15 Datasheet HTML 21Page - Hirose Electric FX15 Datasheet HTML 22Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
FX15 Series
●1mm Pitch Wire-to-Board Connectors supporting LVDS signal
2Minimize the length of outer conductor beyond the ground the
bar.
3Length of cutting the extra cable should be 2.1mm Max.
Any longer cable may cause contact with the connector
  during assembly and could damage the product.
Recommended minimum length is 2.0mm, but this can be
altered as long as good soldering ability is maintained.
4Pre-solder and coat the inner conductor at the cable end.
2. Recommended solder for the assembly is flux cored solder with
0.2mm dia. (Lead-free: Sn-3Ag-0.5Cu), 21mm length.
If additional flux is used, make sure to prevent wicking onto the
contact area.
Wicking onto the contact area will cause the contacts to fail.
3. Before soldering the cable and connector with a cable assembly
machine, check the points to avoid below.
1Misalinment of cable end to the terminals in pitch direction
2Excessive floating of cable end
4. Follow the recommended temperature profile shown below for
the soldering.
The optimum conditions for soldering can vary depending on cable type and length, and solder type. Be sure to check the
recommended temperate profile and adjust the conditions accordingly.
◆Plug – micro-coaxial cable
Cautions for soldering
1. For the micro coaxial cable assembled to this connector, cable alignment process as shown in "Recommended cable" on
the page 1 is required before assembly.
1Width of ground bar shall be 1.05mm Max. including misalignment of overlapping, flush by cutting, side drop or soldering.
Using an inadequate cable will interfere the assembly to the connector. Forceful assembly and soldering could cause
mis-soldering and damage the product.
Precautions and recommendations
Inner conductor
Outer conductor
Grounding bar
rSolder coating
qMisalignment in pitch direction
wfloating
50ç
250ç
265ç
Pre-heating
Heating
Idling
2s
1s
2s
3-4s
220ç
Duration of pressure application
Solder tip
pressurization
Temperature
Duration
Heating
265±5ç
3~4 sec
13~17N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com