Electronic Components Datasheet Search
  English  ▼

X  

FX15 Datasheet(PDF) 22 Page - Hirose Electric

Part # FX15
Description  1mm Pitch Wire-to-Board Connectors supporting LVDS signal
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX15 Datasheet(HTML) 22 Page - Hirose Electric

Back Button FX15 Datasheet HTML 16Page - Hirose Electric FX15 Datasheet HTML 17Page - Hirose Electric FX15 Datasheet HTML 18Page - Hirose Electric FX15 Datasheet HTML 19Page - Hirose Electric FX15 Datasheet HTML 20Page - Hirose Electric FX15 Datasheet HTML 21Page - Hirose Electric FX15 Datasheet HTML 22Page - Hirose Electric FX15 Datasheet HTML 23Page - Hirose Electric FX15 Datasheet HTML 24Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
FX15 Series
●1mm Pitch Wire-to-Board Connectors supporting LVDS signal
Precautions and recommendations
B
B
B
2Pull straight back.
1
Press
1
Press
1
Press
1
Press
B
Lock latches
◆Handling of Connectors after Mating
Do not to apply excessive force to the connectors when routing the cable after mating.
Pulling on the entire cable with a force of 20N or greater can damage the connector. Please take care not to pull the cable.
◆Un-mating of the connectors
Equally depress both sides of the latch-locks as shown on the illustration and pull the plug straight out. Do not pull on the
cables!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com