Electronic Components Datasheet Search
  English  ▼

X  

FX15 Datasheet(PDF) 19 Page - Hirose Electric

Part # FX15
Description  1mm Pitch Wire-to-Board Connectors supporting LVDS signal
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX15 Datasheet(HTML) 19 Page - Hirose Electric

Back Button FX15 Datasheet HTML 15Page - Hirose Electric FX15 Datasheet HTML 16Page - Hirose Electric FX15 Datasheet HTML 17Page - Hirose Electric FX15 Datasheet HTML 18Page - Hirose Electric FX15 Datasheet HTML 19Page - Hirose Electric FX15 Datasheet HTML 20Page - Hirose Electric FX15 Datasheet HTML 21Page - Hirose Electric FX15 Datasheet HTML 22Page - Hirose Electric FX15 Datasheet HTML 23Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
FX15 Series
●1mm Pitch Wire-to-Board Connectors supporting LVDS signal
[ Coutions for potting process ]
1. Protect the soldered area by UV cured resin (referred as "potting" hereafter), in order to prevent cable breakage during
cabling and other issues.
2. Apply 3033 manufactured by THREEBOND CO., LTD. or any equivalent product for potting.
Follow the instruction of the potting manufacturer for UV curing exposure.
3. Refer to the following conditions the potting area.
4. Use extreme care in handling the soldered and potted assembly. Too much stress applied to the cable could break it.
5. After soldering, check that no defect is found at soldered area.
Examples of correct soldered and defective soldered state are shown below.
Precautions and recommendations
A
A
AA
B
B
BB
Correct soldering
Solder shortage
solder bridge
Floating
A 0
-3
1.25
0
-0.75
Enlarged view
A
41
51
23.7
28.7
Number of contacts
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com