Electronic Components Datasheet Search
  English  ▼

X  

FX15 Datasheet(PDF) 21 Page - Hirose Electric

Part # FX15
Description  1mm Pitch Wire-to-Board Connectors supporting LVDS signal
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX15 Datasheet(HTML) 21 Page - Hirose Electric

Back Button FX15 Datasheet HTML 16Page - Hirose Electric FX15 Datasheet HTML 17Page - Hirose Electric FX15 Datasheet HTML 18Page - Hirose Electric FX15 Datasheet HTML 19Page - Hirose Electric FX15 Datasheet HTML 20Page - Hirose Electric FX15 Datasheet HTML 21Page - Hirose Electric FX15 Datasheet HTML 22Page - Hirose Electric FX15 Datasheet HTML 23Page - Hirose Electric FX15 Datasheet HTML 24Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
FX15 Series
●1mm Pitch Wire-to-Board Connectors supporting LVDS signal
Precautions and recommendations
Connectors
Packaging
Triangle mark
Mating
Mating
Arrow mark
Triangle mark
Center mark
Center mark
◆Packaging of the complete cable assemblies
Exercise caution as not to tangle, twist or deform the complete cable assemblies when packaging. Special care should be
taken NOT to apply any excessive stress to the individual wires.
When removing the cable assemblies from the packaging do not pull on the wires. Make sure that the latch-locks are not
interfering with packaging.
◆Mating of the connectors
These connectors have a built in polarizing feature and will NOT mate when reversed. Do NOT try and force tem together.
Align the connectors as shown on the illustration below and fully insert the plug into the receptacle. Confirm that both latch-
locks are fully engaged.
Additionally, this connector is equipped with reverse-insertion preventing mechanism, but a forced mating with a minimum
force of 25N could damage the connector.
Avoid any inappropriate mating, and perform the mating operation after checking the above-mentioned polarity indication.
◆Treatment after mating has been completed
After mating, please take care to prevent any stress or load on the connector during the routing of cables.
If a load of a minimum of 5N is applied on the cable, the cable (crimp contact) could come off. Further, if the entire cable is
pulled with a minimum force of 20N, the connector could be broken.
Please take extra care not to pull the cable and cause cable disconnection.
If you use a small gauge coaxial plug, a repeated rotation could also cause cable disconnection. Do not use the cable by
rotating it repeatedly. The rotation times should be limited to a maximum of 10 even if rotation is required for routing.
If your use requires folding back of the cable over the base of the connector, make sure to maintain a large turn-back
radius away from the connector base.
Pulling in the horizontal direction:
Not acceptable
When you use the cable
by turning it back
Take a large radius
Keep the turn-back position away
from the root of the connector.
Rotation in the vertical direction:
Up to a maximum of 10 times
Pulling in the vertical direction:
Not acceptable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com