Electronic Components Datasheet Search
  English  ▼

X  

NE681 Datasheet(PDF) 3 Page - NEC

Part # NE681
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE681 Datasheet(HTML) 3 Page - NEC

  NE681 Datasheet HTML 1Page - NEC NE681 Datasheet HTML 2Page - NEC NE681 Datasheet HTML 3Page - NEC NE681 Datasheet HTML 4Page - NEC NE681 Datasheet HTML 5Page - NEC NE681 Datasheet HTML 6Page - NEC NE681 Datasheet HTML 7Page - NEC NE681 Datasheet HTML 8Page - NEC NE681 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
500
1.24
9.26
0.73
42
1.70
800
1.67
6.95
0.74
72
1.01
1000
2.18
6.02
0.70
90
0.78
VCE = 2.5 V, IC = 1 mA
500
0.97
13.86
0.66
43
0.46
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
500
1.48
10.23
0.74
43
1.35
800
1.90
10.15
0.72
79
0.92
1000
2.15
9.00
0.69
99
0.60
1500
2.70
4.46
0.66
126
0.38
NE68130
TYPICAL NOISE PARAMETERS (TA = 25°C)
NE68100
TYPICAL NOISE PARAMETERS (TA = 25°C)
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 8 V, IC = 7 mA
500
1.3
26.42
0.20
91
0.20
1000
1.45
20.54
0.20
148
0.21
2000
2.1
14.41
0.22
178
0.51
4000
3.25
7.76
0.42
-115
0.85
NE68119
TYPICAL NOISE PARAMETERS (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
20
VCEO
Collector to Emitter Voltage
V
10
VEBO
Emitter to Base Voltage
V
1.5
IC
Collector Current
mA
65
TJ
Operating Junction
Temperature
°C
1502
TSTG
Storage Temperature
°C
-55 to +1503
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. TJ for NE68135 and NE68100 is 200°C.
3. Maximum storage temperature for the NE68135 is
-65 to +150°C.
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
NE681 SERIES
VCE = 2.5 V, IC = 3 mA
500
1.00
17.28
0.47
44
0.25
800
1.06
14.35
0.44
83
0.21
1000
1.16
12.69
0.43
100
0.17
1500
1.46
9.50
0.39
130
0.12
2000
1.80
7.70
0.35
177
0.11
2500
2.15
6.03
0.35
-177
0.09
VCE = 8 V, IC = 7mA
500
1.30
20.34
0.29
50
0.27
1000
1.40
13.96
0.25
84
0.18
2000
1.80
8.56
0.25
155
0.16
3000
2.50
5.64
0.48
-167
0.10
4000
3.60
4.50
0.67
-135
0.20
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
1000
1.1
17.33
0.28
71
0.22
2000
1.6
13.60
0.37
160
0.15
4000
3.4
9.25
0.51
-139
0.27
NE68135
TYPICAL NOISE PARAMETERS (TA = 25°C)
VCE = 2.5 V, IC = 0.3 mA
VCE = 2.5 V, IC = 3 mA
VCE = 3 V, IC = 5 mA
800
1.19
9.12
0.59
48
0.35
1000
1.31
10.09
0.56
89
0.30
1500
1.71
7.99
0.50
131
0.16
500
0.92
17.19
0.49
39
0.28
800
1.02
14.23
0.40
68
0.17
1000
1.11
12.78
0.38
87
0.14
1500
1.42
10.30
0.39
134
0.08
2000
1.82
8.24
0.36
165
0.11
500
1.00
19.00
0.37
43
0.20
800
1.10
15.57
0.31
71
0.15
1000
1.19
13.91
0.30
89
0.13
1500
1.40
11.25
0.33
139
0.09
2000
1.70
9.08
0.32
166
0.11
2500
2.05
7.62
0.36
-163
0.13
VCE = 8 V, IC = 7 mA
500
1.10
20.30
0.36
39
0.22
800
1.20
16.82
0.28
64
0.16
1000
1.30
15.10
0.28
81
0.14
1500
1.50
12.35
0.28
130
0.11
2000
1.77
10.21
0.28
158
0.12
2500
2.10
8.85
0.33
-166
0.14
3000
2.40
7.86
0.44
-141
0.16
VCE = 8 V, IC = 7 mA
VCE = 2.5 V, IC = 0.3 mA
VCE = 2.5 V, IC = 1 mA
500
1.10
14.69
0.65
45
0.42
800
1.26
12.73
0.60
80
0.30
1000
1.40
11.29
0.56
99
0.24
1500
1.80
7.40
0.53
123
0.17
2000
2.22
6.14
0.47
166
0.12
2500
2.75
4.89
0.49
-166
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com