Electronic Components Datasheet Search
  English  ▼

X  

NE681 Datasheet(PDF) 4 Page - NEC

Part # NE681
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE681 Datasheet(HTML) 4 Page - NEC

  NE681 Datasheet HTML 1Page - NEC NE681 Datasheet HTML 2Page - NEC NE681 Datasheet HTML 3Page - NEC NE681 Datasheet HTML 4Page - NEC NE681 Datasheet HTML 5Page - NEC NE681 Datasheet HTML 6Page - NEC NE681 Datasheet HTML 7Page - NEC NE681 Datasheet HTML 8Page - NEC NE681 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NE681 SERIES
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
500
1.21
12.45
0.75
47
1.15
800
1.69
7.72
0.74
72
0.97
1000
1.95
5.96
0.68
88
0.71
1500
2.52
3.12
0.63
122
0.34
NE68133
TYPICAL NOISE PARAMETERS (TA = 25°C)
VCE = 2.5 V, IC = 1.0 mA
500
.92
14.52
0.68
47
0.42
800
1.20
10.57
0.63
70
0.34
1000
1.35
9.29
0.57
87
0.30
1500
1.71
6.53
0.50
120
0.17
2000
2.00
5.53
0.44
168
0.11
VCE = 2.5 V, IC = 3 mA
500
0.86
16.37
0.54
47
0.24
800
1.00
12.41
0.51
67
0.20
1000
1.08
11.07
0.46
86
0.18
1500
1.25
8.61
0.36
128
0.12
2000
1.40
6.99
0.35
172
0.10
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
500
1.20
14.10
0.78
47
1.28
800
1.45
8.42
0.75
72
0.84
1000
1.67
8.37
0.68
95
0.56
NE68139
TYPICAL NOISE PARAMETERS (TA = 25°C)
VCE = 2.5 V, IC = 1 mA
500
0.90
15.71
0.63
44
0.43
800
1.10
12.30
0.56
72
0.26
1000
1.26
11.66
0.53
98
0.20
1500
1.70
8.85
0.49
145
0.12
2000
2.20
7.12
0.57
178
0.07
VCE = 8 V, IC = 7 mA
500
1.15
20.50
0.26
42
0.17
1000
1.25
15.62
0.16
133
0.14
1500
1.4
12.49
0.20
176
0.09
2000
1.6
10.48
0.31
-165
0.14
3000
2.15
8.00
0.53
-123
0.48
4000
3.0
6.81
0.71
-101
0.90
VCE = 2.5 V, IC = 3 mA
500
0.88
18.20
0.45
44
0.25
800
1.00
14.62
0.39
73
0.19
1000
1.08
13.29
0.37
99
0.16
1500
1.30
10.54
0.35
151
0.09
2000
1.80
8.60
0.43
-177
0.07
VCE = 8 V
f = 2 GHz
f = 3 GHz
f = 4 GHz
12
10
8
6
4
2
0
1
2
3
5
7
10
20
30
50
Collector Current, IC (mA)
NE68100 & NE68135
INSERTION GAIN vs.
COLLECTOR CURRENT
Frequency, f (GHz)
VCE = 8 V
IC = 20 mA
NE68133
|S21E|
2
MAG
NE68100
|S21E|2
MAG
NE68135
30
25
20
15
10
5
0
0.1
0.2 0.3
0.5 0.7 1
2
3
5 7 10
FORWARD INSERTION GAIN
AND MAXIMUM AVAILABLE GAIN
vs. FREQUENCY
TYPICAL PERFORMANCE CURVES (TA = 25°C)
VCE = 2.5 V, IC = 0.3 mA
VCE = 2.5 V, IC = 0.3 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com