Electronic Components Datasheet Search
  English  ▼

X  

NE681 Datasheet(PDF) 18 Page - NEC

Part # NE681
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE681 Datasheet(HTML) 18 Page - NEC

Back Button NE681 Datasheet HTML 12Page - NEC NE681 Datasheet HTML 13Page - NEC NE681 Datasheet HTML 14Page - NEC NE681 Datasheet HTML 15Page - NEC NE681 Datasheet HTML 16Page - NEC NE681 Datasheet HTML 17Page - NEC NE681 Datasheet HTML 18Page - NEC NE681 Datasheet HTML 19Page - NEC NE681 Datasheet HTML 20Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
NE68100 (CHIP)
(Chip Thickness: 160 mm)
PACKAGE OUTLINE 18
PACKAGE OUTLINE 18
RECOMMENDED P.C.B. LAYOUT
PACKAGE OUTLINE 19
PACKAGE OUTLINE 19
RECOMMENDED P.C.B. LAYOUT
PIN CONNECTIONS
1. Collector
2. Emitter
3. Base
4. Emitter
PIN CONNECTIONS
1. Emitter
2. Base
3. Collector
PIN CONNECTIONS
1. Emitter
2. Base
3. Collector
OUTLINE DIMENSIONS (Units in mm)
NE681 SERIES
PACKAGE OUTLINE 30
PACKAGE OUTLINE 30
RECOMMENDED P.C.B. LAYOUT
0.13
0.35
±0.01
0.02
BASE
EMITTER
0.03
φ
0.35
±0.01
2.1 ± 0.2
1.25 ± 0.1
1
2
3
0.3
(LEADS 2, 3, 4)
0.3
0.9 ± 0.1
0 to 0.1
0.15
+0.10
-0.05
2.0 ± 0.2
4
0.4
+0.10
-0.05
1.3
+0.10
-0.05
0.65
0.65
0.60
0.65
1.6 ± 0.1
0.8 ± 0.1
1
2
3
0.3
+0.10
-0.05
0.2
+0.1
0
1.0
0.6
0.75 ± 0.05
0 to 0.1
0.15
+0.1
-0.05
1.6 ± 0.1
-
0.5
LEAD 3 ONLY
0.3
+0.1
-0.05
2.1 ± 0.2
1.25 ± 0.1
1
2
3
0.15
0.9 ± 0.1
0 to 0.1
0.15
+0.10
-0.05
2.0 ± 0.2
0.65
1.3
(ALL LEADS)
MARKING
0.6
4
1
0.8
3
1.7
2
1.25
1
1.3
3
2
1.0
0.5
0.6
1
0.6
1.7
3
2
1.3
0.65
0.8
1
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com