Electronic Components Datasheet Search
  English  ▼

X  

NE681 Datasheet(PDF) 1 Page - NEC

Part # NE681
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE681 Datasheet(HTML) 1 Page - NEC

  NE681 Datasheet HTML 1Page - NEC NE681 Datasheet HTML 2Page - NEC NE681 Datasheet HTML 3Page - NEC NE681 Datasheet HTML 4Page - NEC NE681 Datasheet HTML 5Page - NEC NE681 Datasheet HTML 6Page - NEC NE681 Datasheet HTML 7Page - NEC NE681 Datasheet HTML 8Page - NEC NE681 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PLEASE
NOTE:
PLEASE
NOTE:
PLEASE
NOTE:
PLEASE
NOTE:
PLEASE
NOTE:
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
The
following
part
numbers
from
this
datasheet
are
not
from
this
datasheet
are
not
from
this
datasheet
are
not
from
this
datasheet
are
not
from
this
datasheet
are
not
recommended
for
new
design.
recommended
for
new
design.
recommended
for
new
design.
recommended
for
new
design.
recommended
for
new
design.
Please
call
sales
office
for
Please
call
sales
office
for
Please
call
sales
office
for
Please
call
sales
office
for
Please
call
sales
office
for
details:
details:
details:
details:
details:
NE68135
NE68135
NE68135
NE68135
NE68135
0.5
1.0
2.0
3.0
1.0
2.0
3.0
0
10
20
MSG
GA
NF
VCE = 3 V, IC = 5 mA
MAG
NEC's NPN SILICON HIGH
FREQUENCY TRANSISTOR
NE681
SERIES
FEATURES
• HIGH GAIN BANDWIDTH PRODUCT: fT = 8 GHz
• LOW NOISE FIGURE:
1.2 dB at 1 GHz
1.6 dB at 2 GHz
• HIGH ASSOCIATED GAIN:
15 dB at 1 GHz
12 dB at 2 GHz
• LOW COST
00 (CHIP)
35 (MICRO-X)
Frequency, f (GHz)
18 (SOT 343 STYLE)
19 (3 PIN ULTRA
SUPER MINI MOLD)
39 (SOT 143 STYLE)
39R (SOT 143R STYLE)
33 (SOT 23 STYLE)
DESCRIPTION
NEC's NE681 series of NPN epitaxial silicon transistors are
designed for low noise, high gain, low cost amplifier applica-
tions. Both the chip and micro-x versions are suitable for
amplifier applications up to 4 GHz. The NE681 die is also
available in six different low cost plastic surface mount pack-
age styles. NE681's unique device characteristics allow you to
use a single matching point to simultaneously achieve both low
noise and high gain.
NOISE FIGURE, GAIN MSG
AND MAG vs. FREQUENCY
30 (SOT 323 STYLE)


Similar Part No. - NE681

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE681 CEL-NE681 Datasheet
663Kb / 21P
NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68100 CEL-NE68100 Datasheet
663Kb / 21P
NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68118 CEL-NE68118 Datasheet
44Kb / 1P
NONLINEAR MODEL
NE68118-T1 CEL-NE68118-T1 Datasheet
663Kb / 21P
NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68118-T1-A CEL-NE68118-T1-A Datasheet
663Kb / 21P
NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE681

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE021 ETC-NE021 Datasheet
171Kb / 12P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE680 NEC-NE680 Datasheet
246Kb / 19P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE856 NEC-NE856 Datasheet
257Kb / 25P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
NECs NPN SILICON TRANSISTOR
04/26/2004
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
NECs NPN SILICON TRANSISTOR
06/13/2002
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
NECs NPN SILICON TRANSISTOR
logo
celduc-relais
NE85619-A CELDUC-NE85619-A Datasheet
832Kb / 26P
NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com