Electronic Components Datasheet Search
  English  ▼

X  

GS1581D Datasheet(PDF) 7 Page - SeCoS Halbleitertechnologie GmbH

Part # GS1581D
Description  5-Terminal Dual Input Dropout Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GS1581D Datasheet(HTML) 7 Page - SeCoS Halbleitertechnologie GmbH

  GS1581D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
S5JGS1581D / S5JGS1581D-25
5-Terminal
Dual Input Dropout Regulators
Elektronische Bauelemente
20-Dec-2011 Rev. A
Page 7 of 8
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
The bottom of the resistor divider is connected to the bottom of the load. The effect on output regulation can
be seen in trace B of Figure 3. It is important to note that the voltage drops due to Rp are not eliminated; they will
add to the dropout voltage of the regulator regardless. The S5JGS1581D can control the voltage at the load as
long as the input-output voltage is greater than the total of the dropout voltage of the device plus the voltage drop
across Rp.
STABILITY
The circuit design used in the S5JGS1581D series requires the use of an output capacitor as part of the
device frequency compensation. The addition of 150µF aluminum electrolytic or a 22µF solid tantalum on the
output will ensure stability for all operating conditions.
OUTPUT VOLTAGE
The S5JGS1581D (adjustable version) develops a 1.25V reference voltage between the Sense pin and the
Adjust pin (Figure 4). Placing a resistor between these two terminals causes a constant current to flow through R1
and down though R2 to set the output voltage. In general R1 is chosen so that this current is the specified
minimum load current of 5mA. The current out of the Adjust pin is small, typically 50µA and it adds to the current
from R1. For the best regulation the top of the resistor divider should be connected directly to the Sense pin.
THERMAL CONSIDERATIONS
The S5JGS1581D series have internal power and thermal limiting circuitry designed to protect the device
under overload conditions. However, maximum junction temperature ratings should not be exceeded under
continuous normal load conditions. Careful consideration must be given to all sources of thermal resistance from
junction ambient, including junction to case, case to-heat sink interface and heat sink resistance itself. Junction
temperature of the control section can run up to 125ºC. Junction temperature of the Power section can run up to
150ºC.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com