Electronic Components Datasheet Search
  English  ▼

X  

GS1581D Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # GS1581D
Description  5-Terminal Dual Input Dropout Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GS1581D Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  GS1581D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
S5JGS1581D / S5JGS1581D-25
5-Terminal
Dual Input Dropout Regulators
Elektronische Bauelemente
20-Dec-2011 Rev. A
Page 4 of 8
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
S5JGS1581D-25(IO=0,TJ=25°C unless otherwise specified)
Parameter
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VCONTROL =5.0V, VPOWER =3.3V
2.475
2.500
2.525
V
VCONTROL =4.0V
1,
VPOWER =3.3V, ILOAD =0 ~ 5A
2.460
2.500
2.540
Line Regulation
ILOAD =10mA, (1.5V+ VOUT)≦VCONTROL
12V
≦
1,
0.8V≦VPOWER - VOUT
5.5V
≦
-
0.04
0.2
%
Load Regulation
VCONTROL = VOUT +2.5V
1,
VPOWER = VOUT +0.8V, ILOAD =10mA ~ 5A
-
0.08
0.4
%
Control Pin Current
4
VCONTROL = VOUT +2.5V
1,
VPOWER = VOUT +0.8V, ILOAD =10mA ~ 5A
-
80
135
mA
Ground Pin Current
VCONTROL = VOUT +2.5V
1,
VPOWER = VOUT +0.8V, ILOAD =10mA ~5A
-
5
10
mA
Current Limit
1
VIN- VOUT =3V
5.5
6.8
-
A
Ripple Rejection
VCONTROL = VPOWER = VOUT +2.5V,
VRIPPLE=1VP-P, ILOAD =2.5A
60
75
-
dB
Dropout Voltage
5
Control Input(VCONTROL-VOUT)
1
VPOWER = VOUT +0.8V, ILOAD =10mA
-
1.00
1.15
V
VPOWER = VOUT +0.8V, ILOAD =5A
-
1.15
1.30
V
Power Input(VPOWER-VOUT)
1
VCONTROL = VOUT +2.5V, ILOAD =5
-
0.55
0.70
V
Notes:
1.
The denotes the specifications which apply over the full temperature range.
2.
Unless otherwise specified VOUT=VSENSE, For S5JGS1581D VADJ=0V.
3.
For the adjustable device the minimum load current is the minimum current required to maintain regulation. Normally the current in the
resistor divider used to set the output voltage is select to meet the minimum load current requirement.
4.
The control pin current is the drive current required for the output transistor. This current will track output current with a ratio of about
1:100.
5.
The dropout voltage for the S5JGS1581D is caused by either minimum control voltage or minimum power voltage. The specifications
represent the minimum input/output voltage required to maintain 1% regulation.
CHARACTERISTICS CURVE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com