Electronic Components Datasheet Search
  English  ▼

X  

GS1581D Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # GS1581D
Description  5-Terminal Dual Input Dropout Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GS1581D Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  GS1581D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
S5JGS1581D / S5JGS1581D-25
5-Terminal
Dual Input Dropout Regulators
Elektronische Bauelemente
20-Dec-2011 Rev. A
Page 3 of 8
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Input Voltage
VPOWER
7
V
VCONTROL
13
V
Total Power Dissipation
PD
1.2
W
Thermal Resistance Junction to Ambient
RθJA
104
°C/W
Operating Temperature Range
TJ
0~125
°C
Storage Temperature Range
TSTG
-65~150
°C
Lead Temperature(Soldering, 5 sec)
TLEAD
300
°C
ELECTRICAL CHARACTERISTICS
S5JGS1581D(IO=0,TJ=25°C unless otherwise specified)
Parameter
Test Conditions
Min
Typ
Max
Unit
Reference Voltage
VCONTROL=2.75V, VPOWER=2.75V, ILOAD=10mA
1.238
1.250
1.262
V
VCONTROL=2.7V ~ 12V
1,
VPOWER=3.3V ~ 5.5V, ILOAD =10mA ~ 5A
1.220
1.250
1.270
Line Regulation
ILOAD =10mA, (1.5V+VOUT)
V
≦ CONTROL 12V
≦
1,
0.8V
V
≦ POWER - VOUT 5.5V
≦
-
0.04
0.2
%
Load Regulation
VCONTROL = VOUT +2.5V
1,
VPOWER = VOUT +0.8V, ILOAD =10mA ~ 5A
-
0.08
0.4
%
Minimum Load Current
3
VCONTROL =5V, VPOWER =3.3V, VADJ=0V
1
-
1.7
5
mA
Control Pin Current
4
VCONTROL = VOUT +2.5V
1,
VPOWER = VOUT +0.8V, ILOAD =10mA ~ 5A
-
80
135
mA
Ground Pin Current
VCONTROL = VOUT +2.5V
1,
VPOWER = VOUT +0.8V, ILOAD =10mA ~ 5A
-
5
10
mA
Adjust pin Current
VCONTROL =2.75V
1,
VPOWER =2.05V, ILOAD =10mA
-
50
120
µA
Current Limit
VIN- VOUT =3V
1
5.5
6.8
-
A
Ripple Rejection
VCONTROL = VPOWER = VOUT +2.5V,
VRIPPLE=1VP-P, ILOAD =2.5A
60
75
-
dB
Thermal Regulation
TA=25ºC, 30ms pulse
-
0.003
-
%/W
Dropout Voltage
5
Control Input(VCONTROL-VOUT)
1
VPOWER = VOUT +0.8V, ILOAD =10mA
-
1.00
1.15
V
VPOWER = VOUT +0.8V, ILOAD =5A
-
1.15
1.30
V
Power Input(VPOWER-VOUT)
1
VCONTROL = VOUT +2.5V, ILOAD =5
-
0.55
0.70
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com