Electronic Components Datasheet Search
  English  ▼

X  

GS1581D Datasheet(PDF) 8 Page - SeCoS Halbleitertechnologie GmbH

Part # GS1581D
Description  5-Terminal Dual Input Dropout Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GS1581D Datasheet(HTML) 8 Page - SeCoS Halbleitertechnologie GmbH

  GS1581D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
S5JGS1581D / S5JGS1581D-25
5-Terminal
Dual Input Dropout Regulators
Elektronische Bauelemente
20-Dec-2011 Rev. A
Page 8 of 8
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
PROTECTION DIODES
In normal operation S5JGS1581D family does not need any protection diodes between the adjustment pin
and the output to the input to prevent die overstresses. Internal resistors are limiting the internal current paths on
the ADJ pin. Therefore even with bypass capacitors on the adjust pin no protection diode is needed to ensure
device safety under short-circuit conditions. S5JGS1581D The adjust pin can be driver on a transient basis ±7V
with respect to the output with out any device degradation. A protection diode between the VOUT pin and VPOWER
pin is not usually needed. Microsecond surge currents of 50A ~ 100A can be handled by the internal diode
between the Output pin and VPOWER pin of the device. In normal operations it is difficult to get those values of
surge currents even with the use of large output capacitance. Only with high value output capacitors, such as
1000µF ~ 5000µF and the VPOWER pin are instantaneously shorted to ground, damage can occur. A diode from
output to input is recommended (Figure5).
If S5JGS1581D is connected as a single supply device with the control and power input pins shorted
together the internal diode between the output and the power input pin will protect the control input pin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com