Electronic Components Datasheet Search
  English  ▼

X  

GS1581D Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # GS1581D
Description  5-Terminal Dual Input Dropout Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GS1581D Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  GS1581D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH GS1581D Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S5JGS1581D / S5JGS1581D-25
5-Terminal
Dual Input Dropout Regulators
Elektronische Bauelemente
20-Dec-2011 Rev. A
Page 1 of 8
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
The S5JGS1581D is a high performance positive voltage
Regulator is designed for use in applications requiring very low
Dropout voltage at 5 amps . When supplying 2.5V on motherboards
where both 5V and 3.3V supplies are available, the superior dropout
characteristics of the S5JGS1581D result in reduced heat dissipation
compared to regular LDOs, thus allowing heat sink size reduction.
Additionally, the S5JGS1581D provides excellent regulation over
Variations in line, load and temperature. Remote sense operation
allows compensating for trace, connector and other resistive losses.
Outstanding features include very low dropout performance at
Rates current, fast transient response ,remote sense, internal current
limiting, thermal shutdown and safe operating area protection of the
output device. The S5JGS1581D is a five terminal adjustable voltage
regulator available in the TO-252-5L package.
FEATURES
VOUT Range is 1.25V to 5V@5A
VPOWER Dropout=0.55V@5A(25°C)
VCONTROL Dropout=1.15V@5A(25°C)
1% Trimmed Reference
Remote Voltage Sensing
Thermal Shutdown
Current Limit
Short Circuit Protection
Fast Transient Response
Very Low Dropout Reduces Total Power Consumption
Lead-Free Package is available
APPLICATIONS
High Efficiency Linear Regulators
Post Regulators for Switching Supplies
Microprocessor Supply
Adjustable Power Supply
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-252-5L
2.5K
13 inch
Part Number
S5JGS1581D
S5JGS1581D-25
Marking
GS1581D
GS1581D25
TO-252-5L
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
6.400
6.604
H
0.635
0.787
C
2.210
2.387
J
1.27 BSC
D
0.483
0.584
K
0.010
0.127
E
1.100 REF.
L
6.000
6.200
F
2.743 REF.
N
1.391
1.651
G
0.584
0.660
P
0.508 REF.


Similar Part No. - GS1581D

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
GS1582 GENNUM-GS1582 Datasheet
2Mb / 115P
Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
GS1582 GENNUM-GS1582 Datasheet
2Mb / 115P
Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1582-IBE3 GENNUM-GS1582-IBE3 Datasheet
1Mb / 114P
Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
More results

Similar Description - GS1581D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1658 MAXIM-MAX1658 Datasheet
111Kb / 12P
350mA, 16.5V Input, Low-Dropout Linear Regulators
19-1263; Rev 0; 7/97
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
Dual, Low-Dropout, 100mA Linear Regulators
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Texas Instruments
TPS767D301-Q1 TI-TPS767D301-Q1 Datasheet
370Kb / 21P
DUAL-OUTPUT LOW-DROPOUT VOLATAGE REGULATORS
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
Micropower SC70-5 & SOT23-5 low dropout regulators
OCTOBER 2007
logo
Maxim Integrated Produc...
MAX1658ESA MAXIM-MAX1658ESA Datasheet
115Kb / 12P
350mA, 16.5V Input, Low-Dropout Linear Regulators
Rev 0; 7/97
logo
SeCoS Halbleitertechnol...
S5JGS1581D SECOS-S5JGS1581D_15 Datasheet
942Kb / 8P
Dual Input Dropout Regulators
logo
Global Mixed-mode Techn...
G9092 GMT-G9092 Datasheet
42Kb / 2P
Dual, 300mA Low-Dropout Linear Regulators
G9294 GMT-G9294 Datasheet
50Kb / 3P
Dual, 300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX1658 MAXIM-MAX1658_V01 Datasheet
1Mb / 10P
350mA, 16.5V Input, Low-Dropout Linear Regulators
2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com