Electronic Components Datasheet Search
  English  ▼

X  

UB2 Datasheet(PDF) 8 Page - Kemet Corporation

Part # UB2
Description  Electronic switching systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

UB2 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button UB2 Datasheet HTML 4Page - Kemet Corporation UB2 Datasheet HTML 5Page - Kemet Corporation UB2 Datasheet HTML 6Page - Kemet Corporation UB2 Datasheet HTML 7Page - Kemet Corporation UB2 Datasheet HTML 8Page - Kemet Corporation UB2 Datasheet HTML 9Page - Kemet Corporation UB2 Datasheet HTML 10Page - Kemet Corporation UB2 Datasheet HTML 11Page - Kemet Corporation UB2 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7004_UA2_UB2 • 2/27/2014
Miniature Signal Relays – UA2/UB2 Series
Coil Specifications cont’d
Single Coil Latch Type (@ 20°C)2
Nominal Coil Voltage
(VDC)
Coil Resistance
(Ω) ±10%
Set Voltage1
(VDC)
Reset Voltage1
(VDC)
Nominal Operating
Power (mW)
3
90
2.25
2.25
100
4.5
202.5
3.38
3.38
100
5
250
3.75
3.75
100
12
1440
9.0
9.0
100
1
Test by pulse voltage.
2
Latchtyperelaysshouldbeinitializedtoaknownpositionbeforeusing.Onlythespecifiedpolarityshouldbeusedtoenergizethecoil.
Non-latch, Low Power Consumption (NE, NEN) Type (@ 20°C)
Nominal Coil Voltage
(VDC)
Coil Resistance
(Ω) ±10%
Operating Voltage1
(VDC)
Release Voltage1
(VDC)
Nominal Operating
Power (mW)
3
90
2.25
0.3
100
4.5
202.5
3.38
0.45
100
5
250
3.75
0.5
100
1
Test by pulse voltage.
Recommended Relay Drive Conditions
Coil Type
Rating
Ambient Temperature
Non-latch
Voltage:≤±5%ofnominalvoltage
-40 to +85°C
Single Coil
Square pulse (rise and fall time is rapid)
Pulseheight:≤±5%ofnominalvoltage
Pulse Width: > 10 ms
Marking
Top view
UB2-4.5NU
JAPAN
0501F
UB2-4.5NU
JAPAN
0501F
Part number
Date code
Country of origin
Manufacturer
Direction mark
(pin No. 1 and 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com