Electronic Components Datasheet Search
  English  ▼

X  

UB2 Datasheet(PDF) 15 Page - Kemet Corporation

Part # UB2
Description  Electronic switching systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

UB2 Datasheet(HTML) 15 Page - Kemet Corporation

Back Button UB2 Datasheet HTML 9Page - Kemet Corporation UB2 Datasheet HTML 10Page - Kemet Corporation UB2 Datasheet HTML 11Page - Kemet Corporation UB2 Datasheet HTML 12Page - Kemet Corporation UB2 Datasheet HTML 13Page - Kemet Corporation UB2 Datasheet HTML 14Page - Kemet Corporation UB2 Datasheet HTML 15Page - Kemet Corporation UB2 Datasheet HTML 16Page - Kemet Corporation UB2 Datasheet HTML 17Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7004_UA2_UB2 • 2/27/2014
Miniature Signal Relays – UA2/UB2 Series
Notes on Using Relays cont’d
• Latching relays are factory-set to reset state for shipment. A latching relay may be set, however, by vibration or shock applied
while being transported. Be sure to forcibly reset the relay before using it in the application set. Also note that the relay may be
set by unexpected vibration or shock when it is used in a portable set.
• The sealability of a surface mount (SMT) relay may be lost if the relay absorbs and is then heated during soldering. When storing
relays, therefore, observe the following points:
1. Forstandardpacking,pleaseuserelayswithin12monthsafterdelivery(storageconditions:30°C/60%RH).Iftherelays
have moisture absorption, dehumidify as follows:
–TapePackaging:50±5°C,200–300hours.
–SimpleRelay:85±5°C,48hours.
2.ForMBBpacking,pleaseuserelayswithin2yearsafterdelivery(storageconditions:30°C/60%RH).AfteropeningMBB
packing,pleaseusewithin3months(storageconditions:30°C/60%RH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com