Electronic Components Datasheet Search
  English  ▼

X  

UB2 Datasheet(PDF) 12 Page - Kemet Corporation

Part # UB2
Description  Electronic switching systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

UB2 Datasheet(HTML) 12 Page - Kemet Corporation

Back Button UB2 Datasheet HTML 8Page - Kemet Corporation UB2 Datasheet HTML 9Page - Kemet Corporation UB2 Datasheet HTML 10Page - Kemet Corporation UB2 Datasheet HTML 11Page - Kemet Corporation UB2 Datasheet HTML 12Page - Kemet Corporation UB2 Datasheet HTML 13Page - Kemet Corporation UB2 Datasheet HTML 14Page - Kemet Corporation UB2 Datasheet HTML 15Page - Kemet Corporation UB2 Datasheet HTML 16Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7004_UA2_UB2 • 2/27/2014
Miniature Signal Relays – UA2/UB2 Series
APPEARANCE
800 pieces / Reel
Reel diameter: 380mm
TAPE DIMENSIONS
RELAY DIRECTION MARK AND TAPE CARRYING DIRECTION
Reel
Top cover tape
Emboss
Carrying tape
24.0
4
Φ 1.5
Φ 2.2
16
11.5
2.0
1.75
12.1
0.4
max. 8.1
14.7
24.0
4
Φ 1.5
Φ 2.2
12
11.5
2.0
1.75
B
0.4
A
11.4
Direction mark
Sprocket hole
Direction of unreeling
Direction mark
Sprocket hole
Direction of unreeling
APPEARANCE
800 pieces / Reel
Reel diameter: 380mm
TAPE DIMENSIONS
RELAY DIRECTION MARK AND TAPE CARRYING DIRECTION
Reel
Top cover tape
Emboss
Carrying tape
24.0
4
Φ 1.5
Φ 2.2
16
11.5
2.0
1.75
12.1
0.4
max. 8.1
14.7
24.0
4
Φ 1.5
Φ 2.2
12
11.5
2.0
1.75
B
0.4
A
11.4
Direction mark
Sprocket hole
Direction of unreeling
Direction mark
Sprocket hole
Direction of unreeling
APPEARANCE
800 pieces / Reel
Reel diameter: 380mm
TAPE DIMENSIONS
RELAY DIRECTION MARK AND TAPE CARRYING DIRECTION
Reel
Top cover tape
Emboss
Carrying tape
24.0
4
Φ 1.5
Φ 2.2
16
11.5
2.0
1.75
12.1
0.4
max. 8.1
14.7
24.0
4
Φ 1.5
Φ 2.2
12
11.5
2.0
1.75
B
0.4
A
11.4
Direction mark
Sprocket hole
Direction of unreeling
Direction mark
Sprocket hole
Direction of unreeling
Tube Packing – Millimeters
50 pieces / Tube (anti-static)
10.1
15.5
560
Direction of relay direction mark
Rubber stopper (Yellow)
Rubber stopper (Green)
Tape & Reel Packaging Information (UB2 only) – Millimeters
Appearance
Tape Dimensions
Relay Direction Mark and Tape Carrying Direction
Series
A
B
NU-L, NE-L
Maximum 9.4
8.2
NUN-L, NEN-L
Maximum 9.5
6.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com