Electronic Components Datasheet Search
  English  ▼

X  

UB2 Datasheet(PDF) 9 Page - Kemet Corporation

Part # UB2
Description  Electronic switching systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

UB2 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button UB2 Datasheet HTML 5Page - Kemet Corporation UB2 Datasheet HTML 6Page - Kemet Corporation UB2 Datasheet HTML 7Page - Kemet Corporation UB2 Datasheet HTML 8Page - Kemet Corporation UB2 Datasheet HTML 9Page - Kemet Corporation UB2 Datasheet HTML 10Page - Kemet Corporation UB2 Datasheet HTML 11Page - Kemet Corporation UB2 Datasheet HTML 12Page - Kemet Corporation UB2 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7004_UA2_UB2 • 2/27/2014
Miniature Signal Relays – UA2/UB2 Series
Maximum Coil Voltage
Maximum value of permissible alteration
Performance Data
Coil Temperature Rise
Temperature is measured by coil resistance
Switching Capacity
Maximum Values
Applied Voltage vs. Timing
(Sample: UA2-5NU)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0892EMDD03VOL03E
UA2/UB2 SERIES
8
PERFORMANCE DATA
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
-40 -20
0
20
40
60
80 100
200
150
100
50
Ambient temperature (°C)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
� COIL TEMPERATURE RISE
Temperature is measured by coil resistance
� SWITCHING CAPACITY
This is allowed maximum value.
Inquire with NEC TOKIN for maximum value under continuous use.
� MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
� APPLIED VOLTAGE VS. TIMING
(Sample:UA2-5NU)
(Without coil diode)
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Applied power 0.1W
Applied power 0.14W
Applied power 0.23W
Coil temperature
Rise (°C )
Coil temperature
Rise (°C)
Contact
current (A)
Ratio of
nominal
coil
voltage
(%)
Operate
time
(ms)
Release
time
(ms)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0892EMDD03VOL03E
UA2/UB2 SERIES
8
PERFORMANCE DATA
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
-40 -20
0
20
40
60
80 100
200
150
100
50
Ambient temperature (°C)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
� COIL TEMPERATURE RISE
Temperature is measured by coil resistance
� SWITCHING CAPACITY
This is allowed maximum value.
Inquire with NEC TOKIN for maximum value under continuous use.
� MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
� APPLIED VOLTAGE VS. TIMING
(Sample:UA2-5NU)
(Without coil diode)
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Applied power 0.1W
Applied power 0.14W
Applied power 0.23W
Coil temperature
Rise (°C )
Coil temperature
Rise (°C)
Contact
current (A)
Ratio of
nominal
coil
voltage
(%)
Operate
time
(ms)
Release
time
(ms)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0892EMDD03VOL03E
UA2/UB2 SERIES
8
PERFORMANCE DATA
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
-40 -20
0
20
40
60
80 100
200
150
100
50
Ambient temperature (°C)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
� COIL TEMPERATURE RISE
Temperature is measured by coil resistance
� SWITCHING CAPACITY
This is allowed maximum value.
Inquire with NEC TOKIN for maximum value under continuous use.
� MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
� APPLIED VOLTAGE VS. TIMING
(Sample:UA2-5NU)
(Without coil diode)
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Applied power 0.1W
Applied power 0.14W
Applied power 0.23W
Coil temperature
Rise (°C )
Coil temperature
Rise (°C)
Contact
current (A)
Ratio of
nominal
coil
voltage
(%)
Operate
time
(ms)
Release
time
(ms)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0892EMDD03VOL03E
UA2/UB2 SERIES
8
PERFORMANCE DATA
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
-40 -20
0
20
40
60
80 100
200
150
100
50
Ambient temperature (°C)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
� COIL TEMPERATURE RISE
Temperature is measured by coil resistance
� SWITCHING CAPACITY
This is allowed maximum value.
Inquire with NEC TOKIN for maximum value under continuous use.
� MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
� APPLIED VOLTAGE VS. TIMING
(Sample:UA2-5NU)
(Without coil diode)
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Applied power 0.1W
Applied power 0.14W
Applied power 0.23W
Coil temperature
Rise (°C )
Coil temperature
Rise (°C)
Contact
current (A)
Ratio of
nominal
coil
voltage
(%)
Operate
time
(ms)
Release
time
(ms)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0892EMDD03VOL03E
UA2/UB2 SERIES
8
PERFORMANCE DATA
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
-40 -20
0
20
40
60
80 100
200
150
100
50
Ambient temperature (°C)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
� COIL TEMPERATURE RISE
Temperature is measured by coil resistance
� SWITCHING CAPACITY
This is allowed maximum value.
Inquire with NEC TOKIN for maximum value under continuous use.
� MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
� APPLIED VOLTAGE VS. TIMING
(Sample:UA2-5NU)
(Without coil diode)
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Applied power 0.1W
Applied power 0.14W
Applied power 0.23W
Coil temperature
Rise (°C )
Coil temperature
Rise (°C)
Contact
current (A)
Ratio of
nominal
coil
voltage
(%)
Operate
time
(ms)
Release
time
(ms)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0892EMDD03VOL03E
UA2/UB2 SERIES
8
PERFORMANCE DATA
0
100
200
300
60
40
20
0
Applied power (mW)
0
5
10
15
20
30
20
10
0
Applied time (minute)
-40 -20
0
20
40
60
80 100
200
150
100
50
Ambient temperature (°C)
10
20
50
100
2.0
1.0
0.5
0.2
0.1
Contact voltage (V)
0
100
150
200
250
0
Applied power (mW)
1
2
3
4
0
100
200
300
400
0
Applied power (mW)
1
2
3
4
� COIL TEMPERATURE RISE
Temperature is measured by coil resistance
� SWITCHING CAPACITY
This is allowed maximum value.
Inquire with NEC TOKIN for maximum value under continuous use.
� MAXIMUM COIL VOLTAGE
This is a maximum value of permissible alteration.
Inquire with NEC TOKIN under continuous use.
� APPLIED VOLTAGE VS. TIMING
(Sample:UA2-5NU)
(Without coil diode)
DC(Resistive)
AC(Resistive)
250VAC
220VDC
Applied power 0.1W
Applied power 0.14W
Applied power 0.23W
Coil temperature
Rise (°C )
Coil temperature
Rise (°C)
Contact
current (A)
Ratio of
nominal
coil
voltage
(%)
Operate
time
(ms)
Release
time
(ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com