Electronic Components Datasheet Search
  English  ▼

X  

UB2 Datasheet(PDF) 11 Page - Kemet Corporation

Part # UB2
Description  Electronic switching systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

UB2 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button UB2 Datasheet HTML 7Page - Kemet Corporation UB2 Datasheet HTML 8Page - Kemet Corporation UB2 Datasheet HTML 9Page - Kemet Corporation UB2 Datasheet HTML 10Page - Kemet Corporation UB2 Datasheet HTML 11Page - Kemet Corporation UB2 Datasheet HTML 12Page - Kemet Corporation UB2 Datasheet HTML 13Page - Kemet Corporation UB2 Datasheet HTML 14Page - Kemet Corporation UB2 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7004_UA2_UB2 • 2/27/2014
Miniature Signal Relays – UA2/UB2 Series
Performance Data cont’d
Breakdown Voltage
(Sample: UA2-5NU, 10 pieces)
Alteration of Voltage in Dense Mounting
(magnetic interference)
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0892EMDD03VOL03E
UA2/UB2 SERIES
10
a
b
c
d
e
f
+40
+30
+20
+10
0
-10
-20
-30
-40
Mounting layout
+40
+30
+20
+10
0
-10
-20
-30
-40
Mounting layout
100
50
0
0.5
1.0
1.5
2.0
Breakdown voltage (K V)
100
50
0
1.0
1.5
2.0
2.5
100
50
0
1.5
2.0
2.5
2.5over
� BREAKDOWN VOLTAGE
Sample: UA2-5NU 10peices
(a) Between open contacts
(b) Between adjacent contacts
(C) Between coil and contact
� ALTERNATION OF VOLTAGE AT DENSELY MOUNTING (Magnet interference)
Alternation of operate voltage
Distribution
Distribution (%)
Distribution (%)
Breakdown voltage (K V)
Breakdown voltage (K V)
Ratio of
alternation (%)
ON
ON
OFF
OFF
ON
ON
OFF
OFF
ON
ON
ON
OFF
OFF
OFF
e
f
Device under test
a
b
c
d
a
b
c
d
e
f
Ratio of
alternation (%)
Alternation of operate voltage
2.5mm
3mm
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0892EMDD03VOL03E
UA2/UB2 SERIES
10
a
b
c
d
e
f
+40
+30
+20
+10
0
-10
-20
-30
-40
Mounting layout
+40
+30
+20
+10
0
-10
-20
-30
-40
Mounting layout
100
50
0
0.5
1.0
1.5
2.0
Breakdown voltage (K V)
100
50
0
1.0
1.5
2.0
2.5
100
50
0
1.5
2.0
2.5
2.5over
� BREAKDOWN VOLTAGE
Sample: UA2-5NU 10peices
(a) Between open contacts
(b) Between adjacent contacts
(C) Between coil and contact
� ALTERNATION OF VOLTAGE AT DENSELY MOUNTING (Magnet interference)
Alternation of operate voltage
Distribution
Distribution (%)
Distribution (%)
Breakdown voltage (K V)
Breakdown voltage (K V)
Ratio of
alternation (%)
ON
ON
OFF
OFF
ON
ON
OFF
OFF
ON
ON
ON
OFF
OFF
OFF
e
f
Device under test
a
b
c
d
a
b
c
d
e
f
Ratio of
alternation (%)
Alternation of operate voltage
2.5mm
3mm
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0892EMDD03VOL03E
UA2/UB2 SERIES
10
a
b
c
d
e
f
+40
+30
+20
+10
0
-10
-20
-30
-40
Mounting layout
+40
+30
+20
+10
0
-10
-20
-30
-40
Mounting layout
100
50
0
0.5
1.0
1.5
2.0
Breakdown voltage (K V)
100
50
0
1.0
1.5
2.0
2.5
100
50
0
1.5
2.0
2.5
2.5over
� BREAKDOWN VOLTAGE
Sample: UA2-5NU 10peices
(a) Between open contacts
(b) Between adjacent contacts
(C) Between coil and contact
� ALTERNATION OF VOLTAGE AT DENSELY MOUNTING (Magnet interference)
Alternation of operate voltage
Distribution
Distribution (%)
Distribution (%)
Breakdown voltage (K V)
Breakdown voltage (K V)
Ratio of
alternation (%)
ON
ON
OFF
OFF
ON
ON
OFF
OFF
ON
ON
ON
OFF
OFF
OFF
e
f
Device under test
a
b
c
d
a
b
c
d
e
f
Ratio of
alternation (%)
Alternation of operate voltage
2.5mm
3mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com