Electronic Components Datasheet Search
  English  ▼

X  

WT6124 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WT6124
Description  microcontroller for digital controlled monitor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT6124 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WT6124 Datasheet HTML 1Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
WT6132/WT6124/WT6116
Data Sheet Rev. 1.01
Weltrend Semiconductor, Inc.
Page 4
FUNCTIONAL DESCRIPTION
CPU
8-bit 6502 compatible CPU operates at 6MHz. Address bus is 16-bit and data bus is 8-bit.
The non-maskable interrupt (/NMI) of 6502 is modified to be maskable and is defined as INT0 with higher
priority. The interrupt request (/IRQ) of 6502 is defined as INT1 with lower priority.
Please refer the 6502 reference menu for more detail.
RAM
WT6132 and WT6124 have 512 bytes RAM. Address is located from $0080h to $00FFh and $0180h to
$02FFh.
WT6116 have 384 bytes RAM. Address is located from $0080h to $00FFh and $0180h to $027Fh.
ROM
For WT6132, ROM is located from $8000h to $FFFFh.
For WT6124, ROM is located from $A000h to $FFFFh.
For WT6116, ROM is located from $C000h to $FFFFh.
The following addresses are reserved for special purpose :
$FFFAh (low byte) and $FFFBh (high byte) : INT0 interrupt vector.
$FFFCh (low byte) and $FFFDh (high byte) : program reset interrupt vector.
$FFFEh (low byte) and $FFFFh (high byte) : INT1 interrupt vector.
$0000h
:
$003Fh
Registers
$0040h
:
$007Fh
Reserved
$0080h
:
$00FFh
128 bytes RAM
$0100h
:
$017Fh
Reserved
$0180h
:
$02FFh
384 bytes RAM
$0300h
:
$0FFFh
Reserved
$1000h
:
$7FFFh
Reserved
$8000h
:
:
:
$FFFFh
ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com