Electronic Components Datasheet Search
  English  ▼

X  

WT6124 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # WT6124
Description  microcontroller for digital controlled monitor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT6124 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button WT6124 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 9Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 10Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
WT6132/WT6124/WT6116
Data Sheet Rev. 1.01
Weltrend Semiconductor, Inc.
Page 8
I/O Port C
The structure of I/O Port C is same as Port B except the output low level has 10mA current sink
capability.
Port C Control Register
Name
Addr
R/W Initial
Bit 7
Bit 6
Bit 5
Bit4
Bit 3
Bit 2
Bit 1
Bit 0
PC_CTRL 0004h
W
00h
PC7OE
PC6OE
PC5OE
PC4OE
PC3OE
PC2OE
PC1OE
PC0OE
Bit Name
Description
PCnOE
Port Cn Output Enable.
When it is set, PCn is output pin.
When it is cleared, PCn is input pin with internal pull high
Port C Data Register
Name
Addr
R/W Initial
Bit 7
Bit 6
Bit 5
Bit4
Bit 3
Bit 2
Bit 1
Bit 0
R
00h
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
PC_DATA 0005h
W
00h
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
Bit Name
Description
PCn (W)
This bit controls the output level when the corresponding PCnOE bit is set.
When PCn=1, PCn pin outputs high level.
When PCn=0, PCn pin outputs low level.
PCn (R)
When PCnOE=1 (i.e. output port), this bit is same as PCn (W).
When PCnOE=0, this bit indicates the input level. “1” means high and “0” means low.
I/O Port D
I/O Port D is shared with some special functions. When the special function is disabled, it is an general
I/O port and is same as Port A2. If it is configured as an output, it can source/sink 6mA. If it is configured
as an input, it has an internal pull-up resistor.
Port D Control Register
Name
Addr
R/W Initial
Bit 7
Bit 6
Bit 5
Bit4
Bit 3
Bit 2
Bit 1
Bit 0
PD_CTRL 0006h
W
00h
--
--
PD5OE
PD4OE
PD3OE
PD2OE
PD1OE
PD0OE
Bit Name
Description
PDnOE
Port Dn Output Enable.
When it is set, PDn is output pin.
When it is cleared, PDn is input pin with internal pull high
Port D Data Register
Name
Addr
R/W Initial
Bit 7
Bit 6
Bit 5
Bit4
Bit 3
Bit 2
Bit 1
Bit 0
R
x0h
--
--
PD5
PD4
PD3
PD2
PD1
PD0
PD_DATA 0007h
W
x0h
--
--
PD5
PD4
PD3
PD2
PD1
PD0
Bit Name
Description
PDn (W)
This bit controls the output level when the corresponding PDnOE bit is set.
When PDn=1, PDn pin outputs high level.
When PDn=0, PDn pin outputs low level.
PDn (R)
When PDnOE=1 (i.e. output port), this bit is same as PDn (W).
When PDnOE=0, this bit indicates the input level. “1” means high and “0” means low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com