Electronic Components Datasheet Search
  English  ▼

X  

WT6124 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # WT6124
Description  microcontroller for digital controlled monitor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT6124 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button WT6124 Datasheet HTML 31Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 32Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 33Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 34Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 35Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 36Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 37Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 38Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 39Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
WT6132/WT6124/WT6116
Data Sheet Rev. 1.01
Weltrend Semiconductor, Inc.
Page 40
DDC2B Timing
Symbol
Parameter
Min.
Typ.
Max.
Units
fSCL
SCL1 input clock frequency
0
-
100
kHz
tBF
Bus free time
2
-
-
us
tHD,START
Hold time for START condition
1
-
-
us
tSU,START
Set-up time for START condition
1
-
-
us
tHIGH,SCL
SCL1 clock high time
1
-
-
us
tLOW,SCL
SCL1 clock low time
1
-
-
us
Hold time for DATA input
0
-
-
ns
tHD,DATA
Hold time for DATA output
167
-
-
ns
Set-up time for DATA input
167
-
-
ns
tSU,DATA
Set-up time for DATA output
334
-
-
ns
tRISE,DDC
SCL1 and SDA1 rise time
-
-
1
us
tFALL.DDC
SCL1 and SDA1 fall time
-
-
300
ns
tSU,STOP
Set-up time for STOP condition
2
-
-
us


SDA1
SCL1


 








Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com