Electronic Components Datasheet Search
  English  ▼

X  

WT6124 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WT6124
Description  microcontroller for digital controlled monitor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT6124 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button WT6124 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 9Page - List of Unclassifed Manufacturers WT6124 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
WT6132/WT6124/WT6116
Data Sheet Rev. 1.01
Weltrend Semiconductor, Inc.
Page 7
Port A Control Register
Name
Addr R/W Initial
Bit 7
Bit 6
Bit 5
Bit4
Bit 3
Bit 2
Bit 1
Bit 0
PA_CTRL 0000h W
00h
PA7OE
PA6OE
PA5OE
PA4OE
PA3OE
PA2OE
PA1OE
PA0OE
Bit Name
Description
PAnOE
Port An Output Enable.
When it is set, PAn is output pin.
When it is cleared, PAn is input pin with internal pull high (except PA0 and PA1 pins).
Port A Data Register
Name
Addr
R/W Initial
Bit 7
Bit 6
Bit 5
Bit4
Bit 3
Bit 2
Bit 1
Bit 0
R
00h
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
PA_DATA 0001h
W
00h
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
Bit Name
Description
PAn (W)
This bit controls the output level when the corresponding PAnOE bit is set.
When PAn=1, PAn pin outputs high level. (PA0 and PA1 are open-drain output)
When PAn=0, PAn pin outputs low level.
PAn (R)
When PAnOE=1 (i.e. output port), this bit is same as PAn (W).
When PAnOE=0, this bit indicates the input level. “1” means high and “0” means low.
I/O Port B
I/O Port B is shared with some special functions. When the special function is disabled, it is an general
I/O port and is same as Port A2. If it is configured as an output, it can source/sink 6mA. If it is configured
as an input, it has an internal pull-up resistor.
Port B Control Register
Name
Addr
R/W Initial
Bit 7
Bit 6
Bit 5
Bit4
Bit 3
Bit 2
Bit 1
Bit 0
PB_CTRL 0002h
W
00h
--
--
PB5OE
PB4OE
PB3OE
PB2OE
PB1OE
PB0OE
Bit Name
Description
PBnOE
Port Bn Output Enable.
When it is set, PBn is output pin.
When it is cleared, PBn is input pin with internal pull high
Port B Data Register
Name
Addr
R/W Initial
Bit 7
Bit 6
Bit 5
Bit4
Bit 3
Bit 2
Bit 1
Bit 0
R
00h
--
--
PB5
PB4
PB3
PB2
PB1
PB0
PB_DATA 0003h
W
00h
--
--
PB5
PB4
PB3
PB2
PB1
PB0
Bit Name
Description
PBn (W)
This bit controls the output level when the corresponding PBnOE bit is set.
When PBn=1, PBn pin outputs high level.
When PBn=0, PBn pin outputs low level.
PBn (R)
When PBnOE=1 (i.e. output port), this bit is same as PBn (W).
When PBnOE=0, this bit indicates the input level. “1” means high and “0” means low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com