Electronic Components Datasheet Search
  English  ▼

X  

AD4000 Datasheet(PDF) 4 Page - Analog Devices

Part # AD4000
Description  16-Bit, 2 MSPS Precision Pseudo Differential ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4000 Datasheet(HTML) 4 Page - Analog Devices

  AD4000 Datasheet HTML 1Page - Analog Devices AD4000 Datasheet HTML 2Page - Analog Devices AD4000 Datasheet HTML 3Page - Analog Devices AD4000 Datasheet HTML 4Page - Analog Devices AD4000 Datasheet HTML 5Page - Analog Devices AD4000 Datasheet HTML 6Page - Analog Devices AD4000 Datasheet HTML 7Page - Analog Devices AD4000 Datasheet HTML 8Page - Analog Devices AD4000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Data Sheet
AD4000
Rev. 0 | Page 3 of 32
SPECIFICATIONS
VDD = 1.8 V; VIO = 1.71 V to 5.5 V; VREF = 5 V; all specifications TMIN to TMAX, high-Z mode disabled, span compression disabled, and
turbo mode enabled, (fS = 2 MSPS), unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
VIN+ − VIN−
0
VREF
V
Operating Input Voltage
VIN+ to GND
−0.1
VREF + 0.1
V
VIN− to GND
−0.1
+0.1
V
Span compression enabled
0.1 × VREF
0.9 × VREF
V
Input Leakage Current
Acquisition phase, T = 25°C
0.3
nA
High-Z mode enabled, converting dc input
at 2 MSPS
1
µA
THROUGHPUT
Complete Cycle
500
ns
Conversion Time
290
320
ns
Acquisition Phase1
290
ns
Throughput Rate2
0
2
MSPS
Transient Response3
150
ns
DC ACCURACY
No Missing Codes
16
Bits
Integral Linearity Error
−1.0
±0.2
+1.0
LSB
T = 0°C to 85°C
−0.8
±0.2
+0.8
LSB
Differential Linearity Error
−0.5
±0.15
+0.5
LSB
Transition Noise
0.5
LSB
Zero Error
−4.5
+4.5
LSB
Zero Error Drift4
−0.55
+0.55
ppm/°C
Gain Error
−20
±3
+20
LSB
Gain Error Drift4
−0.92
+0.92
ppm/°C
Power Supply Sensitivity
VDD = 1.8 V ± 5%
0.5
LSB
1/f Noise5
Bandwidth = 0.1 Hz to 10 Hz
6
µV p-p
AC ACCURACY
Dynamic Range
93.5
dB
Total RMS Noise
37
µV rms
fIN = 1 kHz, −0.5 dBFS, VREF = 5 V
Signal-to-Noise Ratio (SNR)
91
93
dB
Spurious-Free Dynamic Range (SFDR)
112
dB
Total Harmonic Distortion (THD)
−115
dB
Signal-to-Noise-and-Distortion Ratio
(SINAD)
91
92.5
dB
Oversampled Dynamic Range
Oversampling ratio (OSR) = 256, VREF = 5 V
117
dB
fIN = 1 kHz, −0.5 dBFS, VREF = 2.5 V
SNR
85.5
87.5
dB
SFDR
115
dB
THD
−113
dB
SINAD
85.5
87
dB
fIN = 100 kHz, −0.5 dBFS, VREF = 5 V
SNR
90
dB
THD
−95
dB
SINAD
89
dB
fIN = 400 kHz, −0.5 dBFS, VREF = 5 V
SNR
85
dB
THD
−91
dB
SINAD
84
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com