Electronic Components Datasheet Search
  English  ▼

X  

AD4000 Datasheet(PDF) 1 Page - Analog Devices

Part # AD4000
Description  16-Bit, 2 MSPS Precision Pseudo Differential ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4000 Datasheet(HTML) 1 Page - Analog Devices

  AD4000 Datasheet HTML 1Page - Analog Devices AD4000 Datasheet HTML 2Page - Analog Devices AD4000 Datasheet HTML 3Page - Analog Devices AD4000 Datasheet HTML 4Page - Analog Devices AD4000 Datasheet HTML 5Page - Analog Devices AD4000 Datasheet HTML 6Page - Analog Devices AD4000 Datasheet HTML 7Page - Analog Devices AD4000 Datasheet HTML 8Page - Analog Devices AD4000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
16-Bit, 2 MSPS Precision
Pseudo Differential ADC
Data Sheet
AD4000
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Throughput: 2 MSPS maximum
INL: ±1.0 LSB maximum
Guaranteed 16-bit no missing codes
Low power
9.75 mW at 2 MSPS (VDD only)
70 µW at 10 kSPS, 14 mW at 2 MSPS (total)
SNR: 93 dB typical at 1 kHz, 90 dB typical at 100 kHz
THD: −115 dB typical at 1 kHz, −95 dB typical at 100 kHz
Ease of use features reduce system power and complexity
Input overvoltage clamp circuit
Reduced nonlinear input charge kickback
High-Z mode
Long acquisition phase
Input span compression
Fast conversion time allows low SPI clock rates
SPI-programmable modes, read/write capability, status word
Pseudo differential (single-ended) analog input range: 0 V to
VREF with VREF between 2.4 V to 5.1 V
Single 1.8V supply operation with 1.71V to 5.5 V logic interface
SAR architecture: no latency/pipeline delay
Guaranteed operation: −40°C to 125°C
Serial interface SPI-/QSPI-/MICROWIRE-/DSP-compatible
Ability to daisy-chain multiple ADCs and busy indicator
10-lead package: 3 mm × 3 mm LFCSP and 3 mm × 4.90 mm
MSOP
APPLICATIONS
Automatic test equipment
Machine automation
Medical equipment
Battery-powered equipment
Precision data acquisition systems
GENERAL DESCRIPTION
The AD4000 is a low noise, low power, high speed, 16-bit,
2 MSPS precision successive approximation register (SAR)
analog-to-digital converter (ADC). It incorporates ease of use
features that lower the signal chain power, reduce signal chain
complexity, and enable higher channel density. The high-Z mode,
coupled with a long acquisition phase, eliminates the need for a
dedicated high power, high speed ADC driver, thus broadening the
range of low power precision amplifiers that can drive this ADC
directly while still achieving optimum performance. The input span
compression feature enables the ADC driver amplifier and the
ADC to operate off common supply rails without the need for a
negative supply while preserving the full ADC code range. The low
serial peripheral interface (SPI) clock rate requirement reduces the
digital input/output power consumption, broadens processor
options, and simplifies the task of sending data across digital
isolation.
Operating from a 1.8 V supply, the AD4000 samples an analog
input (IN+) between 0 V to VREF with respect to a ground sense
(IN−) with VREF ranging from 2.4 V to 5.1 V. The AD4000
consumes only 14 mW at 2 MSPS with a minimum of 75 MHz
SCK rate in turbo mode and achieves ±1.0 LSB INL maximum,
no missing codes at 16 bits with 93 dB SNR. The reference voltage
is applied externally and can be set independently of the supply
voltage.
The SPI-compatible versatile serial interface features seven
different modes including the ability, using the SDI input, to
daisy-chain several ADCs on a single 3-wire bus and provides an
optional busy indicator. The AD4000 is compatible with 1.8 V,
2.5 V, 3 V, and 5 V logic, using the separate VIO supply.
The AD4000 is available in a 10-lead MSOP or a 10-lead LFCSP
with operation specified from −40°C to +125°C. The device is
pin compatible with the 18-bit, 2 MSPS AD4003.
FUNCTIONAL BLOCK DIAGRAM
GND
IN+
IN–
SDI
SCK
SDO
CNV
AD4000
18-BIT
SAR ADC
SERIAL
INTERFACE
VIO
REF
VDD
VREF
0
VREF/2
HIGH-Z
MODE
CLAMP
SPAN
COMPRESSON
TURBO
MODE
STATUS
BITS
2.5V TO 5V
1.8V
10µF
1.8V TO 5V
3-WIRE OR 4-WIRE
SPI INTERFACE
(DAISY CHAIN, CS)
Figure 1.


Similar Part No. - AD4000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 36P
Precision, Pseudo Differential, SAR ADCs
Rev. C
logo
Sensortechnics GmbH
AD4000-10TO SENSORTECHNICS-AD4000-10TO Datasheet
365Kb / 2P
4000 關m active area
logo
Analog Devices
AD4000BCPZ-RL7 AD-AD4000BCPZ-RL7 Datasheet
1Mb / 36P
Precision, Pseudo Differential, SAR ADCs
Rev. C
AD4000BRMZ AD-AD4000BRMZ Datasheet
1Mb / 36P
Precision, Pseudo Differential, SAR ADCs
Rev. C
AD4000BRMZ-RL7 AD-AD4000BRMZ-RL7 Datasheet
1Mb / 36P
Precision, Pseudo Differential, SAR ADCs
Rev. C
More results

Similar Description - AD4000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
logo
List of Unclassifed Man...
AD7902BRQZ ETC2-AD7902BRQZ Datasheet
1Mb / 29P
Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
logo
Analog Devices
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD4003 AD-AD4003 Datasheet
1Mb / 34P
18-Bit, 2 MSPS Precision SAR Differential ADC
REV. 0
AD4001 AD-AD4001 Datasheet
926Kb / 34P
16-Bit, 2 MSPS, Precision SAR, Differential ADC
Rev. 0
AD7902 AD-AD7902_17 Datasheet
681Kb / 29P
Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
Rev. B
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
16-Bit, 10 MSPS, PulSAR Differential ADC
Rev. D
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
16-Bit, 6 MSPS, PulSAR Differential ADC
23-Feb-2017
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com