Electronic Components Datasheet Search
  English  ▼

X  

AD4000 Datasheet(PDF) 13 Page - Analog Devices

Part # AD4000
Description  16-Bit, 2 MSPS Precision Pseudo Differential ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4000 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD4000 Datasheet HTML 9Page - Analog Devices AD4000 Datasheet HTML 10Page - Analog Devices AD4000 Datasheet HTML 11Page - Analog Devices AD4000 Datasheet HTML 12Page - Analog Devices AD4000 Datasheet HTML 13Page - Analog Devices AD4000 Datasheet HTML 14Page - Analog Devices AD4000 Datasheet HTML 15Page - Analog Devices AD4000 Datasheet HTML 16Page - Analog Devices AD4000 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AD4000
Data Sheet
Rev. 0 | Page 12 of 32
94
93
92
91
90
89
88
87
2.4
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
REFERENCE VOLTAGE (V)
15.3
14.3
14.4
14.5
14.6
14.7
14.8
14.9
15.0
15.1
15.2
ENOB
SINAD
SNR
Figure 17. SNR, SINAD, and ENOB vs. Reference Voltage
TIME (Seconds)
0
2
4
6
8
10
948
949
950
951
952
953
954
955
Figure 18. 1/f Noise for 0.1 Hz to 10 Hz Bandwidth, 50 kSPS, 2500 Samples
Averaged per Reading
125
85
0
4
16
128
64
512
2
8
32
256
1024 2048
DECIMATION RATE
90
95
100
105
110
115
120
DYNAMIC RANGE
fIN = 1kHz
fIN = 10kHz
Figure 19. SNR vs. Decimation Rate for Various Input Frequencies
–110
–118
2.4
5.1
REFERENCE VOLTAGE (V)
THD
SFDR
–117
–116
–115
–114
–113
–112
–111
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
113
106
107
108
107
108
109
110
111
112
Figure 20. THD and SFDR vs. Reference Voltage
2.4
2.7
3.0
3.6
3.3
3.9
4.2
4.5
4.8
5.1
REFERENCE VOLTAGE (V)
300
350
400
450
500
550
600
650
700
750
800
Figure 21. Reference Current vs. Reference Voltage
93.4
92.0
0
10
20
30
40
50
60
70
tQUIET2 (ns)
ENOB
SINAD
SNR
92.2
92.4
92.6
92.8
93.0
93.2
15.25
14.95
15.00
15.05
15.10
15.15
15.20
Figure 22. SINAD, SNR, and ENOB vs. tQUIET2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com