Electronic Components Datasheet Search
  English  ▼

X  

AD4000 Datasheet(PDF) 19 Page - Analog Devices

Part # AD4000
Description  16-Bit, 2 MSPS Precision Pseudo Differential ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4000 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD4000 Datasheet HTML 15Page - Analog Devices AD4000 Datasheet HTML 16Page - Analog Devices AD4000 Datasheet HTML 17Page - Analog Devices AD4000 Datasheet HTML 18Page - Analog Devices AD4000 Datasheet HTML 19Page - Analog Devices AD4000 Datasheet HTML 20Page - Analog Devices AD4000 Datasheet HTML 21Page - Analog Devices AD4000 Datasheet HTML 22Page - Analog Devices AD4000 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AD4000
Data Sheet
Rev. 0 | Page 18 of 32
DRIVER AMPLIFIER CHOICE
Although the AD4000 is easy to drive, the driver amplifier must
meet the following requirements:
The noise generated by the driver amplifier must be kept
low enough to preserve the SNR and transition noise
performance of the AD4000. The noise from the driver is
filtered by the single-pole, low-pass filter of the analog
input circuit made by RIN and CIN, or by the external filter,
if one is used. Because the typical noise of the AD4000 is
37 μV rms, the SNR degradation due to the amplifier is


2
2
)
(
2
π
37
37
log
20
N
dB
3
LOSS
Ne
f
SNR
where:
f−3 dB is the input bandwidth, in megahertz, of the AD4000
(10 MHz) or the cutoff frequency of the input filter, if
one is used.
N is the noise gain of the amplifier (for example, 1 in buffer
configuration).
eN is the equivalent input noise voltage of the op amp, in
nV/√Hz.
For ac applications, the driver must have a THD perfor-
mance commensurate with the AD4000.
For multichannel multiplexed applications, the driver
amplifier and the AD4000 analog input circuit must settle
for a full-scale step onto the capacitor array at a 16-bit level
(0.0001525%, 15.25 ppm). In the data sheet of the amplifier,
settling at 0.1% to 0.01% is more commonly specified. This
time may differ significantly from the settling time at a
16-bit level and must be verified prior to driver selection.
High Frequency Input Signals
The AD4000 typical ac performance over a wide input frequency
range using a 5 V reference voltage (−0.5 dBFS) is shown in
Figure 34 and Figure 35. Unlike other traditional SAR ADCs,
the AD4000 ac performance holds up to the Nyquist frequency
with minimal performance degradation.
94
80
1k
10k
100k
1M
INPUT FREQUENCY (Hz)
15.2
13.2
82
84
86
88
90
92
13.4
13.6
13.8
14.0
14.2
14.4
14.6
14.8
15.0
ENOB
SINAD
SNR
Figure 34. SNR, THD, and SINAD vs. Frequency, VIO = 3.3 V, VREF = 5 V
–80
–120
–110
–115
–105
–95
–85
–100
–90
1k
10k
100k
1M
INPUT FREQUENCY (Hz)
80
120
85
90
95
100
105
110
115
THD
SFDR
Figure 35. THD and SFDR vs. Input Frequency, VIO = 3.3 V, VREF = 5 V
EASE OF DRIVE FEATURES
Input Span Compression
In single-supply applications, it is desirable to use the full range
of the ADC; however, the amplifier can have some headroom
and footroom requirements, which can be a problem, even if it
is a rail-to-rail input and output amplifier. The use of span
compression increases the headroom and footroom available to
the amplifier by reducing the input range by 10% from the top
and bottom of the range while still accessing all available ADC
codes (see Figure 36). The SNR decreases by approximately
1.9 dB (20 × log(4/5)) for the reduced input range when span
compression is enabled. Span compression is disabled by
default, but can be enabled by writing to the relevant register bit
(see the Digital Interface section).
ADC
VREF = 4.096V
DIGITAL OUTPUT
ALL 2N
CODES
+FSR
–FSR
90% OF VREF = 3.69V
10% OF VREF = 0.41V
ANALOG
INPUT
5V
IN+
Figure 36. Span Compression



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com