Electronic Components Datasheet Search
  English  ▼

X  

104935 Datasheet(PDF) 10 Page - Analog Devices

Part # 104935
Description  Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

104935 Datasheet(HTML) 10 Page - Analog Devices

Back Button 104935 Datasheet HTML 6Page - Analog Devices 104935 Datasheet HTML 7Page - Analog Devices 104935 Datasheet HTML 8Page - Analog Devices 104935 Datasheet HTML 9Page - Analog Devices 104935 Datasheet HTML 10Page - Analog Devices 104935 Datasheet HTML 11Page - Analog Devices 104935 Datasheet HTML 12Page - Analog Devices 104935 Datasheet HTML 13Page - Analog Devices 104935 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
HMC558A
Data Sheet
Rev. 0 | Page 10 of 15
RETURN LOSS AND ISOLATION PERFORMANCE
Data taken at TA = 25°C, LO drive level = 15 dBm unless otherwise specified.
0
10
20
30
40
50
60
70
80
4
5
6
7
8
9
10
11
12
13
14
15
16
LO FREQUENCY (GHz)
–40°C
+25°C
+85°C
LO TO RF
LO TO IF
Figure 27. LO to RF and LO to IF Isolation vs. LO Frequency at Various
Temperatures, IF = 100 MHz
0
5
10
15
20
25
30
35
40
4
5
6
7
8
9
10
11
12
13
14
15
16
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 28. RF to IF Isolation vs. RF Frequency at Various Temperatures,
IF = 100 MHz
0
10
20
30
40
50
60
70
80
4
5
6
7
8
9
10
11
12
13
14
15
16
LO FREQUENCY (GHz)
9dBm
12dBm
15dBm
18dBm
20dBm
LO TO RF
LO TO IF
Figure 29. LO to RF and LO to IF Isolation vs. LO Frequency at Various
LO Powers, IF = 100 MHz
0
5
10
15
20
25
30
35
40
4
5
6
7
8
9
10
11
12
13
14
15
16
RF FREQUENCY (GHz)
9dBm
12dBm
15dBm
18dBm
Figure 30. RF to IF Isolation vs. RF Frequency at Various LO Powers,
IF = 100 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com