Electronic Components Datasheet Search
  English  ▼

X  

104935 Datasheet(PDF) 15 Page - Analog Devices

Part # 104935
Description  Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

104935 Datasheet(HTML) 15 Page - Analog Devices

Back Button 104935 Datasheet HTML 7Page - Analog Devices 104935 Datasheet HTML 8Page - Analog Devices 104935 Datasheet HTML 9Page - Analog Devices 104935 Datasheet HTML 10Page - Analog Devices 104935 Datasheet HTML 11Page - Analog Devices 104935 Datasheet HTML 12Page - Analog Devices 104935 Datasheet HTML 13Page - Analog Devices 104935 Datasheet HTML 14Page - Analog Devices 104935 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Data Sheet
HMC558A
Rev. 0 | Page 15 of 15
OUTLINE DIMENSIONS
0.50
BSC
BOTTOM VIEW
TOP VIEW
SIDE VIEW
SEATING
PLANE
0.92 MAX
1
4
6
7
9
10
12
3
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.36
0.30
0.24
PIN 1
(0.32 × 0.32)
EXPOSED
PAD
PIN 1
INDICATOR
3.13
3.00 SQ
2.87
2.10 BSC
1.00 REF
1.60
1.50 SQ
1.40
Figure 36. 12-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-12-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Range
Description
Package
Option
Package Body
Material
Lead
Finish
MSL
Rating
Branding
HMC558ALC3B
−40°C to +85°C
12-Terminal Ceramic
Leadless Chip Carrier [LCC]
E-12-1
Alumina
Ceramic
Gold over
Nickel
MSL3
H558A
XXXX
HMC558ALC3BTR
−40°C to +85°C
12-Terminal Ceramic
Leadless Chip Carrier [LCC]
E-12-1
Alumina
Ceramic
Gold over
Nickel
MSL3
H558A
XXXX
HMC558ALC3BTR-R5
−40°C to +85°C
12-Terminal Ceramic
Leadless Chip Carrier [LCC]
E-12-1
Alumina
Ceramic
Gold over
Nickel
MSL3
H558A
XXXX
EV1HMC558ALC3B
Evaluation PCB Assembly
1 Z = RoHS Compliant Part.
©2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D15000-0-11/16(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com