Electronic Components Datasheet Search
  English  ▼

X  

104935 Datasheet(PDF) 13 Page - Analog Devices

Part # 104935
Description  Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

104935 Datasheet(HTML) 13 Page - Analog Devices

Back Button 104935 Datasheet HTML 7Page - Analog Devices 104935 Datasheet HTML 8Page - Analog Devices 104935 Datasheet HTML 9Page - Analog Devices 104935 Datasheet HTML 10Page - Analog Devices 104935 Datasheet HTML 11Page - Analog Devices 104935 Datasheet HTML 12Page - Analog Devices 104935 Datasheet HTML 13Page - Analog Devices 104935 Datasheet HTML 14Page - Analog Devices 104935 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
HMC558A
Rev. 0 | Page 13 of 15
THEORY OF OPERATION
The HMC558A is a general-purpose double balanced mixer in a
leadless RoHS compliant SMT package that can be used as an
upconverter or downconverter between 5.5 GHz and 14 GHz. This
mixer is fabricated in a GaAs MESFET process, and requires no
external components or matching circuitry. The HMC558A
provides excellent LO to RF and LO to IF isolation due to
optimized balun structures and operates with LO drive levels as low
as 9 dBm. The RoHS compliant HMC558A eliminates the need for
wire bonding, and is compatible with high volume surface mount
manufacturing techniques.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com