Electronic Components Datasheet Search
  English  ▼

X  

104935 Datasheet(PDF) 11 Page - Analog Devices

Part # 104935
Description  Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

104935 Datasheet(HTML) 11 Page - Analog Devices

Back Button 104935 Datasheet HTML 7Page - Analog Devices 104935 Datasheet HTML 8Page - Analog Devices 104935 Datasheet HTML 9Page - Analog Devices 104935 Datasheet HTML 10Page - Analog Devices 104935 Datasheet HTML 11Page - Analog Devices 104935 Datasheet HTML 12Page - Analog Devices 104935 Datasheet HTML 13Page - Analog Devices 104935 Datasheet HTML 14Page - Analog Devices 104935 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Data Sheet
HMC558A
Rev. 0 | Page 11 of 15
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
4
5
6
7
8
9
10
11
12
13
14
15
16
LO FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 31. LO Return Loss vs. LO Frequency at Various Temperatures
–40
–35
–30
–25
–20
–15
–10
–5
0
5
0.1
1.1
2.1
3.1
4.1
5.1
6.1
7.1
8.1
9.1 10.1
IF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 32. IF Return Loss vs. IF Frequency at Various Temperatures,
LO Power = 15 dBm, LO Frequency = 11 GHz
–40
–35
–30
–25
–20
–15
–10
–5
0
5
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
4
5
6
7
8
9
10
11
12 13
14 15
16
Figure 33. RF Return Loss vs. RF Frequency at Various Temperatures,
IF = 100 MHz, LO Power = 15 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com