Electronic Components Datasheet Search
  English  ▼

X  

104935 Datasheet(PDF) 12 Page - Analog Devices

Part # 104935
Description  Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

104935 Datasheet(HTML) 12 Page - Analog Devices

Back Button 104935 Datasheet HTML 7Page - Analog Devices 104935 Datasheet HTML 8Page - Analog Devices 104935 Datasheet HTML 9Page - Analog Devices 104935 Datasheet HTML 10Page - Analog Devices 104935 Datasheet HTML 11Page - Analog Devices 104935 Datasheet HTML 12Page - Analog Devices 104935 Datasheet HTML 13Page - Analog Devices 104935 Datasheet HTML 14Page - Analog Devices 104935 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
HMC558A
Data Sheet
Rev. 0 | Page 12 of 15
SPURIOUS PERFORMANCE
Mixer spurious products are measured in dBc from the IF output power level. Spur values are (M × RF) − (N × LO).
Lower sideband selected, IF = 100 MHz, RF frequency = 8.1 GHz, RF input power = −10 dBm, LO frequency = 8.0 GHz, LO drive = 15 dBm.
nLO
0
1
2
3
4
mRF
0
N/A1
−1
24.7
24.4
35.9
1
10.3
0
22.7
34.9
54.3
2
83.6
59
64
58.9
81.9
3
79
84.3
77.8
69.6
75.7
4
76.3
78.4
84.6
85.7
91.3
1
N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com