Electronic Components Datasheet Search
  English  ▼

X  

LM6588 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6588
Description  TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6588 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM6588 Datasheet HTML 1Page - National Semiconductor (TI) LM6588 Datasheet HTML 2Page - National Semiconductor (TI) LM6588 Datasheet HTML 3Page - National Semiconductor (TI) LM6588 Datasheet HTML 4Page - National Semiconductor (TI) LM6588 Datasheet HTML 5Page - National Semiconductor (TI) LM6588 Datasheet HTML 6Page - National Semiconductor (TI) LM6588 Datasheet HTML 7Page - National Semiconductor (TI) LM6588 Datasheet HTML 8Page - National Semiconductor (TI) LM6588 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
16V AC Electrical Characteristics (Note 13) (Continued)
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, VCM =
1
⁄2V
S and RL =2k
Ω. Boldface limits apply at the tem-
perature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
Unity Gain Bandwidth Product
15.4
MHz
−3dB Frequency
A
V = +1
10
24
MHz
Φ
m
Phase Margin
61
deg
t
s
Settling Time (0.1%)
A
V = −1, AO = ±5V, RL = 500
Ω
780
ns
t
p
Propagation Delay
A
V = −2, VIN = ±5V, RL = 500
Ω
20
ns
HD2
2
nd Harmonic Distortion
F
IN = 1MHz (Note 10)
V
OUT =2VPP
−53
dBc
HD3
3rd Harmonic Distortion
F
IN = 1MHz (Note 10)
V
OUT =2VPP
−40
dBc
e
n
Input-Referred Voltage Noise
f = 10kHz
23
nV/
5V DC Electrical Characteristics (Note 13)
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, VCM =
1
⁄2V
S and RL =2k
Ω. Boldface limits apply at the tem-
perature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
0.7
4
6
mV
TC V
OS
Input Offset Voltage Average
Drift
10
µV/˚C
I
B
Input Bias Current
−0.3/+0.3
±1
±7
µA
I
OS
Input Offset Current
20
150
300
nA
R
IN
Input Resistance
Common Mode
20
M
Ω
Differential Mode
0.5
CMRR
Common Mode Rejection
Ratio
V
CM Stepped from 0 to 5V
70
66
105
dB
V
CM Stepped from 0 to 3.5V
75
70
105
PSRR
Power Supply Rejection Ratio
V
S =VCC = 3.5V to 5.5V
80
75
92
dB
CMVR
Input Common-Mode Voltage
Range
CMRR > 50dB
5.2
0.0
5.0
−0.2
V
A
V
Large Signal Voltage Gain
(Note 7)
R
L =2k
Ω,V
O = 0 to 5V
80
75
106
dB
V
O
Output Swing High
R
L =2k
Ω
4.85
4.7
4.95
V
Output Swing Low
R
L =2k
Ω
0.05
0.15
I
SC
Output Short Circuit Current
(Note 11)
Sourcing
160
200
mA
Sinking
160
200
I
CONT
Continuous Output Current
(Note 12)
Sourcing
75
mA
Sinking
75
I
S
Supply Current (per Amp)
750
1000
1250
µA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com