Electronic Components Datasheet Search
  English  ▼

X  

LM6588 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6588
Description  TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6588 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM6588 Datasheet HTML 1Page - National Semiconductor (TI) LM6588 Datasheet HTML 2Page - National Semiconductor (TI) LM6588 Datasheet HTML 3Page - National Semiconductor (TI) LM6588 Datasheet HTML 4Page - National Semiconductor (TI) LM6588 Datasheet HTML 5Page - National Semiconductor (TI) LM6588 Datasheet HTML 6Page - National Semiconductor (TI) LM6588 Datasheet HTML 7Page - National Semiconductor (TI) LM6588 Datasheet HTML 8Page - National Semiconductor (TI) LM6588 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM6588
TFT-LCD Quad, 16V RRIO High Output Current
Operational Amplifier
General Description
The LM6588 is a low power, high voltage, rail-to-rail input-
output amplifier ideally suited for LCD panel V
COM driver and
gamma buffer applications. The LM6588 contains four unity
gain stable amplifiers in one package. It provides a common
mode input ability of 0.5V beyond the supply rails, as well as
an output voltage range that extends to within 50mV of either
supply rail. With these capabilities, the LM6588 provides
maximum dynamic range at any supply voltage. Operating
on supplies ranging from 5V to 16V, while consuming only
750µA per amplifier, the LM6588 has a bandwidth of 24MHz
(−3dB).
The LM6588 also features fast slewing and settling times,
along with a high continuous output capability of 75mA. This
output stage is capable of delivering approximately 200mA
peak currents in order to charge or discharge capacitive
loads. These features are ideal for use in TFT-LCDs.
The LM6588 is available in the industry standard 14-pin SO
package and in the space-saving 14-pin TSSOP package.
The amplifiers are specified for operation over the full −40˚C
to +85˚C temperature range.
Features
(V
S =5V, TA = 25˚C typical values unless specified)
n
Input common mode voltage
0.5V beyond rails
n
Output voltage swing (R
L =2k
Ω)
50mV from rails
n
Output short circuit current
±200mA
n
Continuous output current
75mA
n
Supply current (per amp, no load)
750µA
n
Supply voltage range
5V to 16V
n
Unity gain stable
n
−3dB bandwidth (A
V = +1)
24MHz
n
Slew rate
11V/µSec
n
Settling time
270ns
n
SO-14 and TSSOP-14 package
n
Manufactured in National Semiconductor’s
state-of-the-art bonded wafer, trench isolated
complementary bipolar VIP10™ technology for high
performance at low power levels
Applications
n
LCD panel V
COM driver
n
LCD panel gamma buffer
n
LCD panel repair amp
Test Circuit Diagram
20073401
May 2003
© 2003 National Semiconductor Corporation
DS200734
www.national.com


Similar Part No. - LM6588

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM6588 TI1-LM6588 Datasheet
1Mb / 29P
LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
LM6588 TI2-LM6588 Datasheet
968Kb / 34P
LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
REVISED MARCH 2013
LM6588MA/NOPB TI1-LM6588MA/NOPB Datasheet
1Mb / 29P
LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
LM6588MA/NOPB TI2-LM6588MA/NOPB Datasheet
968Kb / 34P
LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
REVISED MARCH 2013
LM6588MA/NOPB.A TI2-LM6588MA/NOPB.A Datasheet
968Kb / 34P
LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
REVISED MARCH 2013
More results

Similar Description - LM6588

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
Mar-1999
logo
National Semiconductor ...
LMH6640 NSC-LMH6640 Datasheet
901Kb / 13P
TFT-LCD Single, 16V Rail-to-Rail High Output Operational Amplifier
LM6584 NSC-LM6584 Datasheet
976Kb / 16P
TFT-LCD Quad, 13V RRIO High Output Current
logo
Linear Technology
LT1943 LINER-LT1943 Datasheet
279Kb / 12P
High Current Quad Output Regulator for TFT LCD Panels
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
logo
Linear Technology
LT1943 LINER-LT1943_1 Datasheet
271Kb / 20P
High Current Quad Output Regulator for TFT LCD Panels
LT1943 LINER-LT1943_15 Datasheet
277Kb / 20P
High Current Quad Output Regulator for TFT LCD Panels
logo
Texas Instruments
LM6584 TI1-LM6584 Datasheet
1Mb / 28P
LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
LM6588 TI1-LM6588 Datasheet
1Mb / 29P
LM6588 TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
LMH6640 TI1-LMH6640 Datasheet
1Mb / 22P
LMH6640 TFT-LCD Single, 16V Rail-to-Rail High Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com