Electronic Components Datasheet Search
  English  ▼

X  

LM6588 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6588
Description  TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6588 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM6588 Datasheet HTML 7Page - National Semiconductor (TI) LM6588 Datasheet HTML 8Page - National Semiconductor (TI) LM6588 Datasheet HTML 9Page - National Semiconductor (TI) LM6588 Datasheet HTML 10Page - National Semiconductor (TI) LM6588 Datasheet HTML 11Page - National Semiconductor (TI) LM6588 Datasheet HTML 12Page - National Semiconductor (TI) LM6588 Datasheet HTML 13Page - National Semiconductor (TI) LM6588 Datasheet HTML 14Page - National Semiconductor (TI) LM6588 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TFT Display Application (Continued)
light filter that modulates light transmitted from the back to
the front of a display. A pixel’s bottom plate lies on the
backside of a display where a light source is applied, and the
top plate lies on the front, facing the viewer. On a Twisted
Neumatic (TN) display, which is typical of most TFT displays,
a pixel transmits the greatest amount of light when V
PIXEL is
less ±0.5V, and it becomes less transparent as this voltage
increases with either a positive or negative polarity. In short,
an LCD pixel can be thought of as a capacitor, through
which, a controlled amount of light is transmitted by varying
V
PIXEL.
Figure 2 is a simplified block diagram of a TFT display,
showing how individual pixels are connected to the row,
column, and V
COM lines. Each pixel is represented by ca-
pacitor with an NMOS transistor connected to its top plate.
Pixels in a TFT panel are arranged in rows and columns.
Row lines are connected to the NMOS gates, and column
lines to the NMOS sources. The back plate of every pixel is
connected to a common voltage called V
COM. Pixel bright-
ness is controlled by voltage applied to the top plates, and
the Column Drivers supply this voltage via the column lines.
Column Drivers ‘write’ this voltage to the pixels one row at a
time, and this is accomplished by having the Row Drivers
select an individual row of pixels when their voltage levels
are transmitted by the Column Drivers. The Row Drivers
sequentially apply a large positive pulse (typically 25V to
35V) to each row line. This turns-on NMOS transistors con-
nected to an individual row, allowing voltages from the col-
umn lines to be transmitted to the pixels.
V
COM DRIVER
The V
COM driver supplies a common voltage (VCOM)toall
the pixels in a TFT panel. V
COM is a constant DC voltage that
lies in the middle of the column drivers’ output voltage range.
As a result, when the column drivers write to a row of pixels,
they apply voltages that are either positive or negative with
respect to V
COM. In fact, the polarity of a pixel is reversed
each time its row is selected. This allows the column drivers
to apply an alternating voltage to the pixels rather than a DC
signal, which can ‘burn’ a pattern into an LCD display.
When column drivers write to the pixels, current pulses are
injected onto the V
COM line. These pulses result from charg-
ing stray capacitance between V
COM and the column lines
(see Figure 2), which ranges typically from 16pF to 33pF per
column. Pixel capacitance contributes very little to these
pulses because only one pixel at a time is connected to a
column, and the capacitance of a single pixel is on the order
of only 0.5pF. Each column line has a significant amount of
series resistance (typically 2k
Ω to 40kΩ), so the stray ca-
pacitance is distributed along the entire length of a column.
This can be modeled by the multi-segment RC network
shown in Figure 3. The total capacitance between V
COM and
the column lines can range from 25nF to 100nF, and charg-
ing this capacitance can result in positive or negative current
pulses of 100mA, or more. In addition, a similar distributed
capacitance of approximately the same value exists be-
tween V
COM and the row lines. Therefore, the VCOM driver’s
load is the sum of these distributed RC networks with a total
capacitance of 50nF to 200nF, and this load can modeled
like the circuit in Figure 3.
AV
COM driver is essentially a voltage regulator that can
source and sink current into a large capacitive load. To
simplify the analysis of this driver, the distributed RC network
of Figure 3 has been reduced to a single RC load in Figure
4. This load places a large capacitance on the V
COM driver
output, resulting in an additional pole in the op amp’s feed-
back loop. However, the op amp remains stable because
C
LOAD and RESR create a zero that cancels the effect of this
pole. The range of C
LOAD is 50nF to 200nF and RESR is 20
Ω
to 100
Ω, so this zero will have a frequency in the range of
20073426
FIGURE 1. Individual LCD Pixel
20073427
FIGURE 2. TFT Display
20073428
FIGURE 3. Model of Impedance between V
COM and
Column Lines
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com