Electronic Components Datasheet Search
  English  ▼

X  

LM6588 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6588
Description  TFT-LCD Quad, 16V RRIO High Output Current Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6588 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM6588 Datasheet HTML 6Page - National Semiconductor (TI) LM6588 Datasheet HTML 7Page - National Semiconductor (TI) LM6588 Datasheet HTML 8Page - National Semiconductor (TI) LM6588 Datasheet HTML 9Page - National Semiconductor (TI) LM6588 Datasheet HTML 10Page - National Semiconductor (TI) LM6588 Datasheet HTML 11Page - National Semiconductor (TI) LM6588 Datasheet HTML 12Page - National Semiconductor (TI) LM6588 Datasheet HTML 13Page - National Semiconductor (TI) LM6588 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Application Notes (Continued)
ground is a uniform low impedance. If a four layer board
cannot be used, consider pouring a plane on one side of a
two layer board. If this cannot be done be sure to use as
wide a trace as practicable and use extra decoupling capaci-
tors to minimize the AC variations on the ground rail.
Decoupling
A high-speed, high-current amp like the LM6588 must have
generous decoupling capacitors. They should be as close to
the power pins as possible. Putting them on the back side
opposite the power pins may give the tightest layout. If
ground and power planes are available, the placement of the
decoupling caps are not as critical.
Breadboards
The high currents and high frequencies the LM6588 oper-
ates at, as well as thermal considerations, require that pro-
totyping of the design be done on a circuit board as opposed
to a “Proto-Board” style breadboard.
STABILITY
General:
High speed parts with large output current capability require
special care to insure lack of oscillations. Keep the ”+” pin
isolated from the output to insure stability. As noted above
care should be take to insure the large output currents do not
appear in the ground or ground plane and then get coupled
into the “+” pin. As always, good tight layout is essential as is
adequate use of decoupling capacitors on the power sup-
plies.
Unity Gain
The unity gain or voltage-follower configuration is the most
subject to oscillation. If a part is stable at unity gain it is
almost certain to work in other configurations. In certain
applications where the part is setting a reference voltage or
is being used as a buffer greater stability can be achieved by
configuring the part as a gain of −1 or −2 or +2.
Phase Margin
The phase margin of an op amps gain-phase plot is an
indication of the stability of the amp. It is desirable to have at
least 45˚C of phase margin to insure stability in all cases.
The LM6588 has 60˚C of phase margin even with it’s large
output currents and Rail-to-Rail output stage, which are
generally more prone to stability issues.
Capacitive Load
The LM6588 can withstand 30pF of capacitive load in a unity
gain configuration before stability issues arise. At very large
capacitances, the load capacitor will attenuate the gain like
any other heavy load and the part becomes stable again.
The LM6588 will be stable at 330nF and higher load capaci-
tance. Refer to the chart in the Typical Performance Char-
acteristics section.
OUTPUT
Swing vs. Current
The LM6588 will get to about 25mV or 30mV of either rail
when there is no load. The LM6588 can sink or source
hundreds of milliamperes while remaining less then 0.5V
away from the rail. It should be noted that if the outputs are
driven to the rail and the part can no longer maintain the
feedback loop, the internal circuitry will deliver large base
currents into the huge output transistors, trying to get the
outputs to get past the saturation voltage. The base currents
will approach 16 milliamperes and this will appear as an
increase in power supply current. Operating at this power
dissipation level for extended periods will damage the part,
especially in the higher thermal resistance TSSOP package.
Because of this phenomenon, unused parts should not have
the inputs strapped to either rail, but should have the inputs
biased at the midpoint or at least a diode drop (0.6V) within
the rails.
Self Heating
As discussed above the LM6588 is capable of significant
power by virtue of its 200mA current handling capability. A
TSSOP package cannot sustain these power levels for more
then a brief period.
TFT Display Application
INTRODUCTION
In today’s high-resolution TFT displays, op amps are used
for the following three functions:
1.
V
COM Driver
2.
Gamma Buffer
3.
Panel Repair Buffer
All of these functions utilize op amps as non-inverting, unity-
gain buffers. The V
COM Driver and Gamma Buffer are buffers
that supply a well regulated DC voltage. A Panel Repair
Buffer, on the other hand, provides a high frequency signal
that contains part of the display’s visual image.
In an effort to reduce production costs, display manufactur-
ers use a minimum variety of different parts in their TFT
displays. As a result, the same type of op amp will be used
for the V
COM Driver, Gamma Buffer, and Panel Repair Buffer.
To perform all these functions, such an op amp must have
the following characteristics:
1.
Large output current drive
2.
Rail to rail input common mode range
3.
Rail to rail output swing
4.
Medium speed gain bandwidth and slew rate
The LM6588 meets these requirements. It has a rail-to-rail
input and output, typical gain bandwidth and slew rate of
15MHz and 15V/µs, and it can supply up to 200mA of output
current. The following sections will describe the operation of
V
COM Drivers, Gamma Buffers, and Panel Repair Buffers,
showing how the LM6588 is well suited for each of these
functions.
BRIEF OVERVIEW OF TFT DISPLAY
To better understand these op amp applications, let’s first
review a few basic concepts of how a TFT display operates.
Figure 1 is a simplified illustration of an LCD pixel. The top
and bottom plates of each pixel consist of Indium-Tin oxide
(ITO), which is a transparent, electrically conductive mate-
rial. ITO lies on the inner surfaces of two glass substrates
that are the front and back glass panels of a TFT display.
Sandwiched between the two ITO plates is an insulating
material (liquid crystal) that alters the polarization of light to a
lesser a greater amount, depending on how much voltage
(V
PIXEL) is applied across the two plates. Polarizers are
placed on the outer surfaces of the two glass substrates,
which in combination with the liquid crystal create a variable
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com